Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB232R Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # UB232R
Description  USB Mini-B FT232R Evaluation Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UB232R Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button UB232R Datasheet HTML 2Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 3Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 4Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 5Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 6Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 7Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 8Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 9Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Copyright © 2010 Future Technology Devices International Limited
5
Document Reference No.: FT_000055
UB232R USB Mini-B FT232R Evaluation Module Datasheet Version 1.12
Clearance No.: FTDI# 43
3 Electrical Details
The electrical details and connections to the UB232R module are shown in Figure 3.1, Table 3.1 and Table
3.2.
Figure 3.1 UB232R Electrical Connections (Top View)
Silkscreen Pin
Connector Pin
Name
Description
1
J1-1
GND
OV Power pin
2
J1-2
VCC
+5V Power from USB Interface
3
J1-3
CTS#
FT232R CTS pin
4
J1-4
RTS#
FT232R RTS pin
5
J2-4
CBUS1
FT232R CBUS1 pin
6
J2-3
CBUS0
FT232R CBUS0 pin
7
J2-2
RXD
FT232R RXD pin
8
J2-1
TXD
FT232R TXD pin
Table 3.1 UB232R Module Connection
The signal output level on connectors J1 and J2 are controlled by the voltage supplied to the VCCIO pin 4
on the FT232R. The VCCIO is selected between the +5V (VCC from USB) or the output of the FT232R Low
Drop Out (LDO) +3.3V regulator. The VCCIO selection is done by fitting a link on connector J3. The
selection is shown in Table 3.2.
Connector J3
Function
Link 1-2
connected
VCCIO and RESET# driven connected to VCC (+5V)
Link 2-3
connected
VCCIO and RESET# driven connected to +3.3V output of FT232R LDO regulator
Table 3.2 UB232R Module VCCIO selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com