Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF166C Datasheet (PDF) - Motorola, Inc

MRF166C Datasheet PDF - Motorola, Inc
Part # MRF166C
Download  MRF166C Download
File Size   154.8 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MOSFET BROADBAND RF POWER FETs

MRF166C Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF166C Datasheet PDF - Motorola, Inc

Part # MRF166C
Download  MRF166C Click to download

File Size   154.8 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MOSFET BROADBAND RF POWER FETs

MRF166C Datasheet (HTML) - Motorola, Inc


MRF166C Product details

20 W, 500 MHz MOSFET BROADBAND RF POWER FETs



Designed primarily for wideband large–signal output and driver from 30– 500MHz.



• Low Crss— 4.5 pF @ VDS= 28 V

• MRF166C — Typical Performance at 400 MHz, 28 Vdc

   Output Power = 20 W

   Gain = 17 dB

   Efficiency = 55%

• Optional 4–Lead Flange Package (MRF166)

• Replacement for Industry Standards such as MRF136, DV2820, BLF244,SD1902, and ST1001

• 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR

• Facilitates Manual Gain Control, ALC and Modulation Techniques

• Excellent Thermal Stability, Ideally Suited for Class A Operation

• Circuit board photomaster available upon request by contacting RF Tactical Marketing in Phoenix, AZ.




Similar Part No. - MRF166C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF166C MOTOROLA-MRF166C Datasheet
111Kb / 6P
MOSFET BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF166C MACOM-MRF166C Datasheet
178Kb / 9P
MOSFET BROADBAND RF POWER FETs
logo
M/A-COM Technology Solu...
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
The RF MOSFET Line 20W, 500MHz, 28V
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
The RF MOSFET Line 20W, 500MHz, 28V
MRF166C MA-COM-MRF166C_15 Datasheet
560Kb / 11P
The RF MOSFET Line
More results


Similar Description - MRF166C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF136 MOTOROLA-MRF136 Datasheet
284Kb / 12P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF166C MOTOROLA-MRF166C Datasheet
111Kb / 6P
MOSFET BROADBAND RF POWER FETs
MRF175GU MOTOROLA-MRF175GU Datasheet
183Kb / 8P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175LU MOTOROLA-MRF175LU Datasheet
138Kb / 8P
N-CHANNEL BROADBAND RF POWER FETs
MRF176GU MOTOROLA-MRF176GU Datasheet
177Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF166C MACOM-MRF166C Datasheet
178Kb / 9P
MOSFET BROADBAND RF POWER FETs
MRF175GU MACOM-MRF175GU Datasheet
214Kb / 11P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175GU1111 MACOM-MRF175GU1111 Datasheet
209Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175LU MACOM-MRF175LU Datasheet
144Kb / 8P
N-CHANNEL BROADBAND RF POWER FETs
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
Broadband RF Power MOSFET Broadband RF Power MOSFET
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com