Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS18S20 Datasheet (PDF) - Maxim Integrated Products

DS18S20 Datasheet PDF - Maxim Integrated Products
Part # DS18S20
Download  DS18S20 Download
File Size   317.89 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Precision 1-Wire Digital Thermometer

DS18S20 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS18S20 Datasheet PDF - Maxim Integrated Products

Part # DS18S20
Download  DS18S20 Click to download

File Size   317.89 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Precision 1-Wire Digital Thermometer

DS18S20 Datasheet (HTML) - Maxim Integrated Products


DS18S20 Product details

Pin Configurations appear at end of data sheet

DESCRIPTION

The DS18S20 digital thermometer provides 9-bit Celsius temperature measurements and has an alarm function with nonvolatile user-programmable upper and lower trigger points. The DS18S20 communicates over a 1-Wire bus that by definition requires only one data line (and ground) for communication with a central microprocessor. It has an operating temperature range of –55°C to +125°C and is accurate to ±0.5°C over the range of –10°C to +85°C. In addition, the DS18S20 can derive power directly from the data line (“parasite power”), eliminating the need for an external power supply.

Each DS18S20 has a unique 64-bit serial code, which allows multiple DS18S20s to function on the same 1-Wire bus. Thus, it is simple to use one microprocessor to control many DS18S20s distributed over a large area. Applications that can benefit from this feature include HVAC environmental controls, temperature monitoring systems inside buildings, equipment, or machinery, and process monitoring and control systems.



Functional Diagrams

FEATURES

■ Unique 1-Wire® Interface Requires Only One Port Pin for Communication

■ Each Device has a Unique 64-Bit Serial Code Stored in an On-Board ROM

■ Multidrop Capability Simplifies Distributed Temperature Sensing Applications

■ Requires No External Components

■ Can Be Powered from Data Line. Power Supply Range is 3.0V to 5.5V

■ Measures Temperatures from -55°C to +125°C (-67°F to +257°F)

■ ±0.5°C Accuracy from -10°C to +85°C

■ 9-Bit Thermometer Resolution

■ Converts Temperature in 750ms (max)

■ User-Definable Nonvolatile (NV) Alarm Settings

■ Alarm Search Command Identifies and Addresses Devices Whose Temperature is Outside Programmed Limits (Temperature Alarm Condition)

■ Applications Include Thermostatic Controls, Industrial Systems, Consumer Products, Thermometers, or Any Thermally Sensitive System



 




Similar Part No. - DS18S20

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS18S20 DALLAS-DS18S20 Datasheet
136Kb / 27P
High Precision 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18S20+ MAXIM-DS18S20+ Datasheet
486Kb / 21P
High-Precision 1-Wire Digital Thermometer
2015
DS18S20+T&R MAXIM-DS18S20+T&R Datasheet
486Kb / 21P
High-Precision 1-Wire Digital Thermometer
2015
logo
Dallas Semiconductor
DS18S20-PAR DALLAS-DS18S20-PAR Datasheet
141Kb / 20P
1-Wire짰 Parasite-Power Digital Thermometer
logo
Maxim Integrated Produc...
DS18S20-PAR MAXIM-DS18S20-PAR Datasheet
256Kb / 20P
1-Wire Parasite-Power Digital Thermometer
111803
More results


Similar Description - DS18S20

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
1-Wire Digital Thermometer
DS18S20 DALLAS-DS18S20 Datasheet
136Kb / 27P
High Precision 1-Wire Digital Thermometer
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
Econo 1-Wire Digital Thermometer
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
Flipchip 1-Wire Digital Thermometer
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1822 MAXIM-DS1822 Datasheet
222Kb / 21P
Econo 1-Wire Digital Thermometer
101107
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
DS18S20 MAXIM-DS18S20_V01 Datasheet
486Kb / 21P
High-Precision 1-Wire Digital Thermometer
2015
DS1822 MAXIM-DS1822_V01 Datasheet
252Kb / 21P
Econo 1-Wire Digital Thermometer
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com