Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9279-BBCZ Datasheet (PDF) - Analog Devices

AD9279-BBCZ Datasheet PDF - Analog Devices
Part # AD9279-BBCZ
Download  AD9279-BBCZ Download
File Size   971.31 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator

AD9279-BBCZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9279-BBCZ Datasheet PDF - Analog Devices

Part # AD9279-BBCZ
Download  AD9279-BBCZ Click to download

File Size   971.31 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator

AD9279-BBCZ Datasheet (HTML) - Analog Devices


AD9279-BBCZ Product details

GENERAL DESCRIPTION
The AD9279 is designed for low cost, low power, small size, and ease of use for medical ultrasound and automotive radar. It contains eight channels of a variable gain amplifier (VGA) with a low noise preamplifier (LNA), an antialiasing filter (AAF), an analog-to-digital converter (ADC), and an I/Q demodulator with programmable phase rotation.
Each channel features a variable gain range of 45 dB, a fully differential signal path, an active input preamplifier termination, and a maximum gain of up to 52 dB. The channel is optimized for high dynamic performance and low power in applications where a small package size is critical.
The LNA has a single-ended-to-differential gain that is selectable through the SPI. Assuming a 15 MHz noise bandwidth (NBW) and a 21.3 dB LNA gain, the LNA input SNR is roughly 94 dB. In CW Doppler mode, each LNA output drives an I/Q demod ulator that has independently programmable phase rotation with 16 phase settings.
Power-down of individual channels is supported to increase battery life for portable applications. Standby mode allows quick power-up for power cycling. In CW Doppler operation, the VGA, AAF, and ADC are powered down. The ADC contains several features designed to maximize flexibility and minimize system cost, such as a programmable clock, data alignment, and programmable digital test pattern generation. The digital test patterns include built-in fixed patterns, built-in pseudo random patterns, and custom user-defined test patterns entered via the serial port interface.

FEATURES
  8 channels of LNA, VGA, AAF, ADC, and I/Q demodulator
     Low power: 141 mW per channel, TGC mode, 40 MSPS; 60 mW per channel, CW mode
     10 mm × 10 mm, 144-ball CSP-BGA
     TGC channel input-referred noise: 0.8 nV/√Hz, max gain
     Flexible power-down modes
     Fast recovery from low power standby mode: <2 μs
     Overload recovery: <10 ns
  Low noise preamplifier (LNA)
     Input-referred noise: 0.75 nV/√Hz, gain = 21.3 dB
     Programmable gain: 15.6 dB/17.9 dB/21.3 dB
     0.1 dB compression: 1000 mV p-p/750 mV p-p/450 mV p-p
     Dual-mode active input impedance matching
     Bandwidth (BW): >100 MHz
  Variable gain amplifier (VGA)
     Attenuator range: −45 dB to 0 dB
     Postamp gain (PGA): 21 dB/24 dB/27 dB/30 dB
     Linear-in-dB gain control
  Antialiasing filter (AAF)
     Programmable second-order LPF from 8 MHz to 18 MHz
     Programmable HPF
  Analog-to-digital converter (ADC)
     SNR: 70 dB, 12 bits up to 80 MSPS
     Serial LVDS (ANSI-644, low power/reduced signal)
  CW mode I/Q demodulator
     Individual programmable phase rotation
     Output dynamic range per channel: >160 dBc/√Hz
     Output-referred SNR: 155 dBc/√Hz, 1 kHz offset, −3 dBFS




Similar Part No. - AD9279-BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9279-BBCZ AD-AD9279-BBCZ Datasheet
958Kb / 45P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
23-Feb-2017
More results


Similar Description - AD9279-BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9271 AD-AD9271 Datasheet
1Mb / 58P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Revision 0
AD9272 AD-AD9272 Datasheet
71Kb / 2P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9277 AD-AD9277 Datasheet
1Mb / 48P
Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
REV. 0
AD9276 AD-AD9276 Datasheet
1,022Kb / 48P
Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
Rev. 0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
23-Feb-2017
AD9273 AD-AD9273 Datasheet
710Kb / 49P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
7/09-Rev. A to Rev. B
AD9276 AD-AD9276_17 Datasheet
832Kb / 49P
Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
23-Feb-2017
AD9277 AD-AD9277_17 Datasheet
835Kb / 49P
Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
23-Feb-2017
AD9278 AD-AD9278 Datasheet
910Kb / 45P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
02/23/2017
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com