Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TPC150M Datasheet (PDF) - International Rectifier

6TPC150M Datasheet PDF - International Rectifier
Part # 6TPC150M
Download  6TPC150M Download
File Size   909.78 Kbytes
Page   22 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V

6TPC150M Datasheet (PDF)

Go To PDF Page Download Datasheet
6TPC150M Datasheet PDF - International Rectifier

Part # 6TPC150M
Download  6TPC150M Click to download

File Size   909.78 Kbytes
Page   22 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V

6TPC150M Datasheet (HTML) - International Rectifier


6TPC150M Product details

DESCRIPTION
The IR3473 SupIRBuckTM is an easy‐to‐use, fully integrated and highly efficient DC/DC voltage regulator. The onboard constant on time hysteretic controller and MOSFETs make IR3473 a space‐efficient solution that delivers up to 6A of precisely controlled output voltage.

FEATURES
• Input Voltage Range: 3V to 27V
• Output Voltage Range: 0.5V to 12V
• Continuous 6A Load Capability
• Constant On‐Time Control
• Compensation Loop not Required
• Excellent Efficiency at Very Low Output Currents
• Programmable Switching Frequency and Soft Start
• Thermally Compensated Over Current Protection
• Power Good Output
• Precision Voltage Reference (0.5V, +/‐1%)
• Enable Input with Voltage Monitoring Capability
• Pre‐bias Start Up
• Thermal Shut Down
• Under/Over Voltage Fault Protection
• Forced Continuous Conduction Mode Option
• Very Small, Low Profile 4mm x 5mm QFN Package

APPLICATIONS
• Notebook and Desktop Computers
• Consumer Electronics – STB, LCD, TV, Printers
• 12V and 24V Distributed Power Systems
• General Purpose POL DC‐DC Converters
• Game Consoles and Graphics Cards




Similar Part No. - 6TPC150M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
6TPC150M IRF-6TPC150M Datasheet
1Mb / 21P
6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Panasonic Semiconductor
6TPC150M PANASONIC-6TPC150M Datasheet
49Kb / 1P
Conductive Polymer Tantalum Solid Capacitors
Nov. 2015
More results


Similar Description - 6TPC150M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
16A Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
6A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
9A Highly Integrated SupIRBuck Single.Input Voltage
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com