Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TPC150M Datasheet(PDF) 2 Page - International Rectifier

Part # 6TPC150M
Description  6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6TPC150M Datasheet(HTML) 2 Page - International Rectifier

  6TPC150M Datasheet HTML 1Page - International Rectifier 6TPC150M Datasheet HTML 2Page - International Rectifier 6TPC150M Datasheet HTML 3Page - International Rectifier 6TPC150M Datasheet HTML 4Page - International Rectifier 6TPC150M Datasheet HTML 5Page - International Rectifier 6TPC150M Datasheet HTML 6Page - International Rectifier 6TPC150M Datasheet HTML 7Page - International Rectifier 6TPC150M Datasheet HTML 8Page - International Rectifier 6TPC150M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
March 27, 2013  |  V2.2 |  PD97601
2
IR3473 
6A Highly Integrated SupIRBuck
TM 
ORDERING INFORMATION 
  IR3473 ―                
       
 
 
 
MARKING INFORMATION 
Package
Tape & Reel Qty 
Part Number
M 
750 
IR3473MTR1PBF 
M 
4000 
IR3473MTRPBF 
PIN DIAGRAM 
W
C
W
C
o
PCB
J
o
JA
/
2
/
32
-
=
=
θ
θ
PBF – Lead Free 
TR – Tape and Reel 
M – Package Type 
3473
?YWW?
xxxxx
Site/Date/Marking Code
Lot Code
Pin 1 Identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com