Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TPC150M Datasheet(PDF) 10 Page - International Rectifier

Part # 6TPC150M
Description  6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6TPC150M Datasheet(HTML) 10 Page - International Rectifier

Back Button 6TPC150M Datasheet HTML 6Page - International Rectifier 6TPC150M Datasheet HTML 7Page - International Rectifier 6TPC150M Datasheet HTML 8Page - International Rectifier 6TPC150M Datasheet HTML 9Page - International Rectifier 6TPC150M Datasheet HTML 10Page - International Rectifier 6TPC150M Datasheet HTML 11Page - International Rectifier 6TPC150M Datasheet HTML 12Page - International Rectifier 6TPC150M Datasheet HTML 13Page - International Rectifier 6TPC150M Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
March 27, 2013  |  V2.2 |  PD97601
10
IR3473 
6A Highly Integrated SupIRBuck
TM 
TYPICAL OPERATING DATA  
Tested with demoboard shown in Figure 4, VIN = 12V, VCC = 5V, VOUT = 1.05V, Fs = 300kHz, TA = 25
oC, no airflow, unless 
otherwise specified.
 
Figure 11: Startup 
 
Figure 13: DCM (IOUT = 0.1A) 
 
 
 
Figure 15: Over Current Protection  
(tested by shorting VOUT to PGND) 
 
Figure 12: Shutdown 
 
Figure 14: CCM (IOUT = 6A) 
 
 
Figure 16: Over Voltage Protection  
(tested by shorting FB to VOUT)
EN
PGOOD
SS
VOUT
5V/div
5V/div 1V/div 500mV/div
5ms/div
EN
PGOOD
SS
VOUT
5V/div 5V/div 1V/div 500mV/div
500µs/div
VOUT
PHASE
iL
20mV/div 10V/div 500mA/div
5µs/div
VOUT
PHASE
iL
20mV/div 10V/div 5A/div
2µs/div
PGOOD
SS
VOUT
iL
5V/div 1V/div 500mV/div 10A/div
2ms/div
PGOOD
FB
VOUT
iL
5V/div 1V/div 500mV/div 2A/div
50µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com