Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TPC150M Datasheet(PDF) 4 Page - International Rectifier

Part # 6TPC150M
Description  6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6TPC150M Datasheet(HTML) 4 Page - International Rectifier

  6TPC150M Datasheet HTML 1Page - International Rectifier 6TPC150M Datasheet HTML 2Page - International Rectifier 6TPC150M Datasheet HTML 3Page - International Rectifier 6TPC150M Datasheet HTML 4Page - International Rectifier 6TPC150M Datasheet HTML 5Page - International Rectifier 6TPC150M Datasheet HTML 6Page - International Rectifier 6TPC150M Datasheet HTML 7Page - International Rectifier 6TPC150M Datasheet HTML 8Page - International Rectifier 6TPC150M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
March 27, 2013  |  V2.2 |  PD97601
4
IR3473 
6A Highly Integrated SupIRBuck
TM 
TYPICAL APPLICATION 
 
TP7
TP10
EN
VCC
TP23
VOUTS
TP24
PGNDS
C26
open
C27
open
VIN
C7
open
C8
open
C24
open
C9
150uF
C10
47uF
C11
open
C1
1uF
R7
2.80K
R8
2.55K
C12
0.1uF
PGOOD
ISET
+3.3V
TP6
PGNDS
TP14
+3.3V
U1
IR3473
FCCM
1
SS
6
PGOOD
3
GND1
4
FB
5
NC1
7
ISET
2
PHASE
12
C4
0.22uF
VCC
SW1
EN / FCCM
TP4
EN
TP17
PGND
C20
0.1uF
TP26
AGND
VSW
C21
1uF
TP11
PGOOD
R9
open
L1
2.2uH
R6
open
TP1
VINS
R4
15.8K
R3
200K
C13
open
C2
22uF
C16
open
+
C3
68uF
TP2
VIN
TP5
PGND
C14
open
C17
open
C18
open
TP16
VCC
FB
R5
10K
C15
open
R10
open
C6
open
TP18
VOLTAGE SENSE
R1
10K
FCCM
IR3473
+3.3V
R11
20
C22
open
TP25
B
C25
1uF
VOUT
TP27
A
+3.3V
TP28
VID
TP13
SS
VSW
R12
4.99
SS
R2
10K
C19
open
Q1
open
1
PGND
VOUT
R13
open
C23
open
 
 
Figure 4: Demoboard Schematic for VOUT = 1.05V, FS = 300kHz 
 
DEMOBOARD BILL OF MATERIALS 
QTY 
REFERENCE DESIGNATOR 
VALUE 
DESCRIPTION 
MANUFACTURER 
PART NUMBER 
3 
C1, C21, C25 
1.00uF 
capacitor, X7R, 1.00uF, 25V, 0.1, 0603 
Murata 
GRM188R71E105KA12D 
1 
C10 
47uF 
capacitor, 47uF, 6.3V, 805 
TDK 
C2012X5R0J476M 
2 
C12, C20 
0.100uF 
capacitor, X7R, 0.100uF, 25V, 0.1, 603 
TDK 
C1608X7R1E104K 
1 
C2 
22.0uF 
capacitor, X5R, 22.0uF, 16V, 20%, 1206 
Taiyo Yuden 
EMK316BJ226ML‐T 
1 
C3 
68uF 
capacitor, electrolytic, 68uF, 25V, 0.2, SMD 
Panasonic 
EEV‐FK1E680P 
1 
C4 
0.22uF 
capacitor, X5R, 0.22uF, 10V, 0.1, 0603 
TDK 
C1608X5R1A224K 
1 
C9 
150uF 
capacitor, tantalum polymer, 150uF, 6.3V, 20%, 
7343 
Sanyo 
6TPC150M 
1 
L1 
2.2uH 
inductor, ferrite, 2.2uH, 8.0A, 11.2mOhm, SMT 
Cyntec 
PCMB065T‐2R2MS 
1 
R4 
15.8K 
resistor, thick film, 15.8K, 1/10W, 0.01, 603 
KOA 
RK73H1JLTD1582F 
3 
R1, R2, R5 
10.0K 
resistor, thick film, 10.0K, 1/10W, 0.01, 0603 
KOA 
RK73H1J1002F 
1 
R11 
20 
resistor, thick film, 20, 1/10W, 0.01, 603 
KOA 
RK73H1JLTD20R0F 
1 
R12 
4.99 
resistor, thick film, 4.99, 1/8W, 0.01, 603 
KOA 
RK73H1J4R99F 
1 
R3 
200K 
resistor, thick film, 200K, 1/10W, 0.01, 603 
KOA 
RK73H1JLTD2003F 
1 
R7 
2.80K 
resistor, thick film, 2.80K, 1/10W, 0.01, 603 
KOA 
RK73H1JLTD2801F 
1 
R8 
2.55K 
resistor, thick film, 2.55K, 1/10W, 0.01, 0603 
KOA 
RK73H1J2551F 
1 
SW1 
SPST 
switch, DIP, SPST, 2 position, SMT 
C&K Components 
SD02H0SK 
1 
U1 
IR3473 
4mm X 5mm QFN 
IRF 
IR3473MTRPBF 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com