Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TPC150M Datasheet(PDF) 20 Page - International Rectifier

Part # 6TPC150M
Description  6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6TPC150M Datasheet(HTML) 20 Page - International Rectifier

Back Button 6TPC150M Datasheet HTML 14Page - International Rectifier 6TPC150M Datasheet HTML 15Page - International Rectifier 6TPC150M Datasheet HTML 16Page - International Rectifier 6TPC150M Datasheet HTML 17Page - International Rectifier 6TPC150M Datasheet HTML 18Page - International Rectifier 6TPC150M Datasheet HTML 19Page - International Rectifier 6TPC150M Datasheet HTML 20Page - International Rectifier 6TPC150M Datasheet HTML 21Page - International Rectifier 6TPC150M Datasheet HTML 22Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
March 27, 2013  |  V2.2 |  PD97601
20
IR3473 
6A Highly Integrated SupIRBuck
TM 
SOLDER RESIST 
• It is recommended that the lead lands are Non 
Solder Mask Defined (NSMD). The solder resist 
should be pulled away from the metal lead lands 
by a minimum of 0.025mm to ensure NSMD 
pads.  
• The land pad should be Solder Mask Defined 
(SMD), with a minimum overlap of the solder 
resist onto the copper of 0.05mm to 
accommodate solder resist misalignment. 
• Ensure that the solder resist in between the lead 
lands and the pad land is ≥ 0.15mm due to the 
high aspect ratio of the solder resist strip 
separating the lead lands from the pad land. 
Figure 32: Solder Resist 
 
 
 
 
 
 
 
 
 
 
* Contact International Rectifier to receive an electronic PCB Library file in your preferred format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com