Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B330 Datasheet (PDF) - Orister Corporation

B330 Datasheet PDF - Orister Corporation
Part # B330
Download  B330 Download
File Size   486.3 Kbytes
Page   11 Pages
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation
Description 2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter

B330 Datasheet (PDF)

Go To PDF Page Download Datasheet
B330 Datasheet PDF - Orister Corporation

Part # B330
Download  B330 Click to download

File Size   486.3 Kbytes
Page   11 Pages
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation
Description 2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter

B330 Datasheet (HTML) - Orister Corporation


B330 Product details

General Description
The RS6515 is a high‐efficiency asynchronous step‐down DC/DC converter that can deliver up to 2A output current from 4.75V to 20V input supply. The RS6515s current mode architecture and external compensation allow the transient response to be optimized over a wide range of loads and output capacitors. Cycle‐by‐cycle current limit provides protection against shorted outputs and soft‐start eliminates input current surge during start‐up.

Features
● 2A Output Current
● Up to 93% Efficiency
● Integrated 100mΩ Power MOSFET Switches
● Fixed 385KHz Frequency
● Cycle‐by‐Cycle Over Current Protection
● Thermal Shutdown function
● Wide 4.75V to 21V Operating Input Range
● Output Adjustable from 0.92V to 18V
● Programmable Under Voltage Lockout
● Available in an MSOP‐10(EP) Package
● RoHS Compliant and 100% Lead (Pb)‐Free and Green (Halogen Free with Commercial Standard)

Applications
● PC Motherboard, Graphic Card
● LCD Monitor
● Set‐Top Boxes
● DVD‐Video Player
● Telecom Equipment
● ADSL Modem
● Printer and other Peripheral Equipment
● Microprocessor core supply
● Networking power supply
● Pre‐Regulator for Linear Regulators
● Green Electronics/Appliances




Similar Part No. - B330

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B330 DIODES-B330 Datasheet
58Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
Fuji Electric
B330 FUJI-B330 Datasheet
665Kb / 1P
3 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B330 WEITRON-B330 Datasheet
181Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B330 DIODES-B330 Datasheet
158Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
logo
Monolithic Power System...
B330 MPS-B330 Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
More results


Similar Description - B330

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS6509 ORISTER-RS6509 Datasheet
563Kb / 10P
3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6510 ORISTER-RS6510 Datasheet
501Kb / 10P
2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6511 ORISTER-RS6511 Datasheet
602Kb / 10P
3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6512 ORISTER-RS6512 Datasheet
534Kb / 10P
2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6516 ORISTER-RS6516 Datasheet
541Kb / 10P
2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
RS6517 ORISTER-RS6517 Datasheet
603Kb / 10P
3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6518 ORISTER-RS6518 Datasheet
543Kb / 10P
2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6519 ORISTER-RS6519 Datasheet
605Kb / 10P
3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6507 ORISTER-RS6507 Datasheet
553Kb / 10P
3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
logo
Princeton Technology Co...
RS6512 PTC-RS6512 Datasheet
350Kb / 4P
2A, 20V, 400KHz DC/DC Asynchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com