Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B330 Datasheet(PDF) 1 Page - Orister Corporation

Part # B330
Description  2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

B330 Datasheet(HTML) 1 Page - Orister Corporation

  B330 Datasheet HTML 1Page - Orister Corporation B330 Datasheet HTML 2Page - Orister Corporation B330 Datasheet HTML 3Page - Orister Corporation B330 Datasheet HTML 4Page - Orister Corporation B330 Datasheet HTML 5Page - Orister Corporation B330 Datasheet HTML 6Page - Orister Corporation B330 Datasheet HTML 7Page - Orister Corporation B330 Datasheet HTML 8Page - Orister Corporation B330 Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Page No. : 1/11
RS6515 
2A, 20V, 400KHz DC/DC Asynchronous Step‐Down Converter   
 
General Description 
The RS6515 is a high‐efficiency asynchronous step‐down DC/DC converter that can deliver up to 2A output current from 
4.75V  to  20V  input  supply.  The  RS6515's  current  mode  architecture  and  external  compensation  allow  the  transient 
response to be optimized over a wide range of loads and output capacitors. Cycle‐by‐cycle current limit provides protection 
against shorted outputs and soft‐start eliminates input current surge during start‐up. 
 
The  RS6515  also  provides  output  under  voltage  protection  and  thermal  shutdown  protection.  The  low  current  (<30μA) 
shutdown mode provides output disconnection, enabling easy power management in battery‐powered systems. 
Features 
Applications 
● 2A Output Current 
● Up to 93% Efficiency 
● Integrated 100mΩ Power MOSFET Switches 
● Fixed 385KHz Frequency 
● Cycle‐by‐Cycle Over Current Protection 
● Thermal Shutdown function 
● Wide 4.75V to 21V Operating Input Range 
● Output Adjustable from 0.92V to 18V 
● Programmable Under Voltage Lockout 
● Available in an MSOP‐10(EP) Package 
● RoHS Compliant and 100% Lead (Pb)‐Free and Green 
(Halogen Free with Commercial Standard) 
● PC Motherboard, Graphic Card 
● LCD Monitor 
● Set‐Top Boxes 
● DVD‐Video Player 
● Telecom Equipment 
● ADSL Modem 
● Printer and other Peripheral Equipment 
● Microprocessor core supply 
● Networking power supply 
● Pre‐Regulator for Linear Regulators 
● Green Electronics/Appliances 
Application Circuits 
 
INPUT
ON
OUTPUT
C5
10nF
C1
10uF/35V
C4
0.1uF
R3
5.6KΩ
C3
8.2nF
C6
(Optional)
D1
B340A
U1
RS6515‐ADMS
4
5
10
7
6
9
8
IN
SW
SS
FB
GND
EN
COMP
R1
25.8KΩ 1%
L1
15uH
R2
10KΩ 1%
C2
22uF/6.3V
OFF
4.75V to 21V
CERAMIC x2
3.3V/2A
CERAMIC x2
 
 
This  integrated  circuit  can  be  damaged  by  ESD.  Orister  Corporation  recommends  that  all  integrated  circuits  be  handled  with 
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. 
 
ESD  damage  can  range  from  subtle  performance  degradation  to  complete  device  failure.  Precision  integrated  circuits  may  be  more 
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
 
DS‐RS6515‐08    JULY, 2010 
www.Orister.com


Similar Part No. - B330

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B330 DIODES-B330 Datasheet
58Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
Fuji Electric
B330 FUJI-B330 Datasheet
665Kb / 1P
3 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B330 WEITRON-B330 Datasheet
181Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B330 DIODES-B330 Datasheet
158Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
logo
Monolithic Power System...
B330 MPS-B330 Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
More results

Similar Description - B330

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS6509 ORISTER-RS6509 Datasheet
563Kb / 10P
3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6510 ORISTER-RS6510 Datasheet
501Kb / 10P
2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6511 ORISTER-RS6511 Datasheet
602Kb / 10P
3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6512 ORISTER-RS6512 Datasheet
534Kb / 10P
2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6516 ORISTER-RS6516 Datasheet
541Kb / 10P
2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
RS6517 ORISTER-RS6517 Datasheet
603Kb / 10P
3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6518 ORISTER-RS6518 Datasheet
543Kb / 10P
2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6519 ORISTER-RS6519 Datasheet
605Kb / 10P
3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6507 ORISTER-RS6507 Datasheet
553Kb / 10P
3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
logo
Princeton Technology Co...
RS6512 PTC-RS6512 Datasheet
350Kb / 4P
2A, 20V, 400KHz DC/DC Asynchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com