Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B330 Datasheet(PDF) 2 Page - Orister Corporation

Part # B330
Description  2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

B330 Datasheet(HTML) 2 Page - Orister Corporation

  B330 Datasheet HTML 1Page - Orister Corporation B330 Datasheet HTML 2Page - Orister Corporation B330 Datasheet HTML 3Page - Orister Corporation B330 Datasheet HTML 4Page - Orister Corporation B330 Datasheet HTML 5Page - Orister Corporation B330 Datasheet HTML 6Page - Orister Corporation B330 Datasheet HTML 7Page - Orister Corporation B330 Datasheet HTML 8Page - Orister Corporation B330 Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Page No. : 2/11
ON
OUTPUT
INPUT
U1
RS6508‐ADS
2
3
8
5
4
7
6
IN
SW
SS
FB
GND
EN
COMP
C4
0.1uF
C2
22uF/6.3V
C1
10uF/35V
C5
10nF
L1
15uH
D1
B340A
R3
5.6KΩ
R1
25.8KΩ 1%
R2
10KΩ 1%
C6
(Optional)
C3
8.2nF
OFF
4.75V to 21V
3.3V/2A
CERAMIC x2
CERAMIC x2
 
Pin Assignments 
 
MSOP‐10(EP)                            SOP‐8 
 
                  
 
 
 
PACKAGE 
PIN 
SYMBOL 
DESCRIPTION 
1 
‐ 
NC 
No Connect. 
2 
1 
BS 
Bootstrap.  This  capacitor  (C5)  is  needed  to  drive  the  power  switch’s  gate 
above the supply voltage. It is connected between the SW and BS pins to 
form a floating supply across the power switch driver. The voltage across 
C5 is about 5V and is supplied by the internal +5V supply when the SW pin 
voltage is low. 
3 
‐ 
NC 
No Connect. 
4 
2 
IN 
Supply  Voltage.  The  RS6515  operates  from  a  4.75V  to  20V  unregulated 
input. C1 is needed to prevent large voltage spikes from appearing at the 
input. 
5 
3 
SW 
Power Switching Output. SW is the switching node that supplies power to 
the output. Connect the output LC filter from SW to the output load. Note 
that a capacitor is required from SW to BS to power the high‐side switch. 
6,11 
4 
GND 
Ground.  
7 
5 
FB 
Feedback  Input.  FB  senses  the  output  voltage  and  regulates  it.  Drive  FB 
with  a  resistive  voltage  divider  from  the  output  voltage  to  ground.  The 
feedback threshold is 0.92V. See Setting the Output Voltage. 
8 
6 
COMP 
Compensation Node. COMP is used to compensate the regulation control 
loop. Connect a series RC network from COMP to GND. In some cases, an 
additional capacitor from COMP to GND is required. See Compensation. 
9 
7 
EN 
Enable Input. EN is a digital input that turns the regulator on or off. Drive 
EN high to turn on the regulator, drive it low to turn it off. For automatic 
startup, leave EN unconnected. 
MSOP‐10(EP) 
 
/  
 
      SOP‐8 
10 
8 
SS 
Soft‐Start. Connect SS to an external capacitor to program the soft‐start. If 
unused, leave it open. 
DS‐RS6515‐08    JULY, 2010 
www.Orister.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com