Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B330 Datasheet(PDF) 7 Page - Orister Corporation

Part # B330
Description  2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

B330 Datasheet(HTML) 7 Page - Orister Corporation

Back Button B330 Datasheet HTML 3Page - Orister Corporation B330 Datasheet HTML 4Page - Orister Corporation B330 Datasheet HTML 5Page - Orister Corporation B330 Datasheet HTML 6Page - Orister Corporation B330 Datasheet HTML 7Page - Orister Corporation B330 Datasheet HTML 8Page - Orister Corporation B330 Datasheet HTML 9Page - Orister Corporation B330 Datasheet HTML 10Page - Orister Corporation B330 Datasheet HTML 11Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Page No. : 7/11
DS‐RS6515‐08    JULY, 2010 
www.Orister.com
 
Higher values, lower cost ceramic capacitors are now becoming available in smaller case sizes. Their high ripple current, high 
voltage rating and low ESR make them ideal for switching regulator applications. However, care must be taken when these 
capacitors are used at input and output. When a ceramic capacitor is used at the input and the power is supplied by a wall 
adapter through long wires, a load step at the output can induce ringing at the input, VIN. At best, this ringing can couple to 
the output and be mistaken as loop instability. At worst, a sudden inrush of current through the long wires can potentially 
cause a voltage spike at VIN large enough to damage the part. 
 
Output Rectifier Diode 
The output rectifier diode supplies the current to the inductor when the high‐side switch is off. To reduce losses due to the 
diode forward voltage and recovery times, use a Schottky diode. 
 
Choose a diode whose maximum reverse voltage rating is greater than the maximum input voltage, and whose current rating 
is greater than the maximum load current. 
 
Choose  a  rectifier  who’s  maximum  reverse  voltage  rating  is  greater  than  the  maximum  input  voltage,  and  who’s  current 
rating is greater than the maximum load current. 
 
Checking Transient Response 
The  regulator  loop  response  can  be  checked  by  looking  at  the  load  transient  response.  Switching  regulators  take  several 
cycles to respond to a step in load current. When a load step occurs, VOUT immediately shifts by an amount equal to ΔILOAD (ESR) 
also begins to charge or discharge COUT generating a feedback error signal for the regulator to return VOUT to its steady‐state 
value. During this recovery time, VOUT can be monitored for overshoot or ringing that would indicate a stability problem. 
 
 
Table 1. Suggested Inductors for Typical Application Circuit 
Component Supplier 
Series 
Dimensions (mm) 
MAGLAYERS 
MSCDRI‐124‐150M 
12 x 12 x 5.0 
SUMIDA 
CDRH104R 
10.1 x 10 x 3.0 
TOKO 
D104C 
10 x 10 x 4.3 
 
 
Table 2. Suggested Capacitors for CIN and COUT 
Component Supplier 
Part No. 
Capacitance (uF) 
Case Size 
MURATA 
GRM31CR61E106K 
10 
1206 
TDK 
C3225X5R1E106K 
10 
1206 
MURATA 
GRM32ER71C226M 
22 
1210 
TDK 
C3225X5R1C226M 
22 
1210 
Table 3. Schottky Rectifier Selection Guide 
2A Load Current 
VIN (Max.) 
Part No. 
Vendor 
B320 
Diodes, Inc. (www.diodes.com) 
SK33 
Pan Jit International (www.panjit.com.tw) 
20V 
SS32 
General Semiconductor (www.gensemi.com) 
B330 
Diodes, Inc. (www.diodes.com) 
B340L 
Diodes, Inc. (www.diodes.com) 
SK33 
Diodes, Inc. (www.diodes.com) 
MBRD330 
On Semiconductor (www.onsemi.com) 
26V 
SS33 
Fairchild Semiconductor (www.fairchildsemi.com) 
General Semiconductor (www.gensemi.com) 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com