Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9745T1 Datasheet (PDF) - Motorola, Inc

MRF9745T1 Datasheet PDF - Motorola, Inc
Part # MRF9745T1
Download  MRF9745T1 Download
File Size   60.9 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HIGH FREQUENCY POWER TRANSISTOR LDMOS FET

MRF9745T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF9745T1 Datasheet PDF - Motorola, Inc

Part # MRF9745T1
Download  MRF9745T1 Click to download

File Size   60.9 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HIGH FREQUENCY POWER TRANSISTOR LDMOS FET

MRF9745T1 Datasheet (HTML) - Motorola, Inc


MRF9745T1 Product details

The RF Small Signal Line

Silicon Lateral FET

N–Channel Enhancement–Mode MOSFET



Designed for use in low voltage, moderate power amplifiers such as portable analog and digital cellular radios and PC RF modems.



• Performance Specifications at 5.8 V, 900 MHz:

    Output Power = 30 dBm Min

    Power Gain = 10 dB Typ

    Efficiency = 50% Min

• Guaranteed Ruggedness at Load VSWR = 20:1

• New Plastic Surface Mount Package

• Available in Tape and Reel Packaging.

    T1 Suffix = 1,000 Units per 8 mm, 7 inch Reel

• Device Marking = 9745



 




Similar Part No. - MRF9745T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9002NR2 FREESCALE-MRF9002NR2 Datasheet
394Kb / 12P
RF Power Field Effect Transistor Array N-Channel Enhancement-Mode Lateral MOSFET
logo
Motorola, Inc
MRF9002R2 MOTOROLA-MRF9002R2 Datasheet
580Kb / 12P
RF Power Field Effect Transistor Array
MRF9002RS MOTOROLA-MRF9002RS Datasheet
292Kb / 12P
RF POWER FIELD EFFECT TRANSISTOR ARRAY
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
NPN SILICON RF TRANSISTOR
REV. A
logo
Motorola, Inc
MRF9011 MOTOROLA-MRF9011 Datasheet
475Kb / 7P
The Rf Line NPN Silicon High-Frequency Transistor
More results


Similar Description - MRF9745T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MXR9745T1 MOTOROLA-MXR9745T1 Datasheet
53Kb / 4P
31.5 dBm, 850 MHz HIGH FREQUENCY POWER TRANSISTOR LDMOS FET
logo
Renesas Technology Corp
NE5550279A RENESAS-NE5550279A Datasheet
470Kb / 9P
Silicon Power LDMOS FET
NE5550779A RENESAS-NE5550779A Datasheet
3Mb / 17P
Silicon Power LDMOS FET
NE5550979A RENESAS-NE5550979A_13 Datasheet
790Kb / 13P
Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550279A CEL-NE5550279A Datasheet
772Kb / 8P
Silicon Power LDMOS FET
logo
M/A-COM Technology Solu...
MAPLST1617-030CF MA-COM-MAPLST1617-030CF Datasheet
181Kb / 6P
LDMOS RF Line Power FET Transistor
logo
California Eastern Labs
NE5550979A CEL-NE5550979A Datasheet
1Mb / 12P
Silicon Power LDMOS FET
NE5550779A CEL-NE5550779A Datasheet
3Mb / 16P
Silicon Power LDMOS FET
logo
Renesas Technology Corp
NE5550979A RENESAS-NE5550979A_15 Datasheet
784Kb / 13P
Silicon Power LDMOS FET
logo
M/A-COM Technology Solu...
MAPLST1617-030CF MA-COM-MAPLST1617-030CF_15 Datasheet
181Kb / 6P
LDMOS RF Line Power FET Transistor
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com