Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXR9745T1 Datasheet (PDF) - Motorola, Inc

MXR9745T1 Datasheet PDF - Motorola, Inc
Part # MXR9745T1
Download  MXR9745T1 Download
File Size   53.38 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 31.5 dBm, 850 MHz HIGH FREQUENCY POWER TRANSISTOR LDMOS FET

MXR9745T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MXR9745T1 Datasheet PDF - Motorola, Inc

Part # MXR9745T1
Download  MXR9745T1 Click to download

File Size   53.38 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 31.5 dBm, 850 MHz HIGH FREQUENCY POWER TRANSISTOR LDMOS FET

MXR9745T1 Datasheet (HTML) - Motorola, Inc


MXR9745T1 Product details

The RF Small Signal Line

Silicon Lateral FET

N–Channel Enhancement–Mode MOSFET



Designed for use in low voltage, moderate power amplifiers such as portable analog and digital cellular radios and PC RF modems.



• Performance Specifications at 6 Volt, 850 MHz:

    Output Power = 31.5 dBm Min

    Power Gain = 8.5 dB Typ

    Efficiency = 60% Min

• Guaranteed Ruggedness at Load VSWR = 20:1

• Available in Tape and Reel Packaging Options:

    T1 Suffix = 1,000 Units per Reel

• MXR9745RT1 is Gate–Drain Pin Out Reversed.

    All Electricals Same as MXR9745T1



 




Similar Part No. - MXR9745T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXR9150G ETC2-MXR9150G Datasheet
185Kb / 8P
The MXR9150G/M is a low cost, tri axis accelerometer fabricated on a standard, submicron CMOS process.
MXR9150GZ ETC2-MXR9150GZ Datasheet
185Kb / 8P
The MXR9150G/M is a low cost, tri axis accelerometer fabricated on a standard, submicron CMOS process.
MXR9150MZ ETC2-MXR9150MZ Datasheet
185Kb / 8P
The MXR9150G/M is a low cost, tri axis accelerometer fabricated on a standard, submicron CMOS process.
MXR9500G ETC1-MXR9500G Datasheet
243Kb / 5P
Low Cost 짹1.5 g Tri Axis Accelerometer with Ratiometric Outputs
MXR9500M ETC1-MXR9500M Datasheet
243Kb / 5P
Low Cost 짹1.5 g Tri Axis Accelerometer with Ratiometric Outputs
More results


Similar Description - MXR9745T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9745T1 MOTOROLA-MRF9745T1 Datasheet
60Kb / 4P
HIGH FREQUENCY POWER TRANSISTOR LDMOS FET
logo
Tyco Electronics
PH0814-40 MACOM-PH0814-40 Datasheet
96Kb / 1P
Linear Power Transistor, 40W 850 - 1450 MHz
logo
Mimix Broadband
CFH2162-P1 MIMIX-CFH2162-P1 Datasheet
412Kb / 3P
800 to 900 MHz 36 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
796Kb / 5P
800 to 900 MHz 30 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1 Datasheet
263Kb / 5P
800 to 900 MHz 34 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1_06 Datasheet
414Kb / 2P
800-900 MHz 36 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1_06 Datasheet
138Kb / 4P
800-900 MHz 30 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_06 Datasheet
470Kb / 4P
800-900 MHz 34 dBm Power GaAs FET
logo
M/A-COM Technology Solu...
MAPLST1617-030CF MA-COM-MAPLST1617-030CF Datasheet
181Kb / 6P
LDMOS RF Line Power FET Transistor
MAPLST1617-030CF MA-COM-MAPLST1617-030CF_15 Datasheet
181Kb / 6P
LDMOS RF Line Power FET Transistor
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com