Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9811T1 Datasheet (PDF) - Motorola, Inc

MRF9811T1 Datasheet PDF - Motorola, Inc
Part # MRF9811T1
Download  MRF9811T1 Download
File Size   50.82 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HIGH FREQUENCY GaAs FET TRANSISTOR

MRF9811T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF9811T1 Datasheet PDF - Motorola, Inc

Part # MRF9811T1
Download  MRF9811T1 Click to download

File Size   50.82 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HIGH FREQUENCY GaAs FET TRANSISTOR

MRF9811T1 Datasheet (HTML) - Motorola, Inc


MRF9811T1 Product details

The RF Small Signal Line
Gallium Arsenide
N–Channel Depletion–Mode MESFET

Designed for use in driver stages of moderate power RF amplifiers to 2 GHz. Typical applications are cellular radios and personal communication transmitters such as AMPS, ETACS, NMT, GSM, PCN, JDC and DECT.

• Performance Specifications at 900 MHz, 5.8 V:
   Output Power = 21 dBm
   Power Gain = 14 dB Min
   Drain Efficiency = 55% Min
• Plastic Surface Mount Package
• Order MRF9811T1 for Tape and Reel Packaging.
   T1 Suffix = 3,000 Units per 8 mm, 7 inch Reel.




Similar Part No. - MRF9811T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9820T1 MOTOROLA-MRF9820T1 Datasheet
75Kb / 4P
SURFACE MOUNT LOW NOISE ENHANCEMENT MODE GaAs CASCODE
MRF9822T1 MOTOROLA-MRF9822T1 Datasheet
68Kb / 4P
HIGH FREQUENCY POWER TRANSISTOR GaAs PHEMT
More results


Similar Description - MRF9811T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9745T1 MOTOROLA-MRF9745T1 Datasheet
60Kb / 4P
HIGH FREQUENCY POWER TRANSISTOR LDMOS FET
MRF9822T1 MOTOROLA-MRF9822T1 Datasheet
68Kb / 4P
HIGH FREQUENCY POWER TRANSISTOR GaAs PHEMT
logo
List of Unclassifed Man...
EFA025AL ETC-EFA025AL Datasheet
28Kb / 2P
High Gain GaAs Power FET
logo
Agilent(Hewlett-Packard...
IAM-92516 HP-IAM-92516 Datasheet
163Kb / 8P
High Linearity GaAs FET Mixer
logo
List of Unclassifed Man...
FLC317MG-4 ETC1-FLC317MG-4 Datasheet
481Kb / 5P
High Voltage - High Power GaAs FET
logo
Advanced Semiconductor
MSC8001 ASI-MSC8001 Datasheet
18Kb / 1P
HIGH POWER GaAs FET
MSC8004 ASI-MSC8004 Datasheet
18Kb / 1P
HIGH POWER GaAs FET
logo
Pan Jit International I...
MMBFJ309 PANJIT-MMBFJ309 Datasheet
55Kb / 3P
J-FET HIGH FREQUENCY AMPLIFIER TRANSISTOR
logo
Mitsubishi Electric Sem...
MGF1601B-01 MITSUBISHI-MGF1601B-01 Datasheet
288Kb / 4P
High-power GaAs FET
logo
Broadcom Corporation.
DEMO-IAM-92516A BOARDCOM-DEMO-IAM-92516A Datasheet
202Kb / 7P
High Linearity GaAs FET Mixer
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com