Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFIC0931 Datasheet (PDF) - Motorola, Inc

MRFIC0931 Datasheet PDF - Motorola, Inc
Part # MRFIC0931
Download  MRFIC0931 Download
File Size   83.06 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description BALANCED TRANSMIT MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT

MRFIC0931 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFIC0931 Datasheet PDF - Motorola, Inc

Part # MRFIC0931
Download  MRFIC0931 Click to download

File Size   83.06 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description BALANCED TRANSMIT MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT

MRFIC0931 Datasheet (HTML) - Motorola, Inc


MRFIC0931 Product details

The MRFIC Line
Balanced Transmit Mixer

The MRFIC0931 is a balanced Gilbert cell mixer with LO buffer amplifier intended for transmit upmixer application. The device is usable for Industrial, Scientific and Medical (ISM), Cellular and PCS applications and is packaged in a low–cost surface mount package.

• Usable 500–2000 MHz
• High Output Power @ 1 dB Gain Compression, 3.6 Volts
   0.9 dBm (Typ) @ 900 MHz
   –2 dBm (Typ) @ 1800 MHz
• 2.7–4.8 Volts Operation
• Balanced Design for Good LO Rejection
• 47 mA (Max) Current @ 4.5 Volts
   45 mA (Max) Current @ 3.6 Volts
• Low Cost Surface Mount Package
• Order MRFIC0931R2 for Tape and Reel.
   R2 suffix = 2,500 Units per 12 mm, 13 inch Reel.
• Device Marking = M0931




Similar Part No. - MRFIC0931

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0903 MOTOROLA-MRFIC0903 Datasheet
193Kb / 8P
ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0904 MOTOROLA-MRFIC0904 Datasheet
147Kb / 8P
900 MHz GaAs TWO STAGE DRIVER AMP INTEGRATED CIRCUIT
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
900 MHz GaAs INTEGRATED POWER AMPLIFIER
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
More results


Similar Description - MRFIC0931

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2001 MOTOROLA-MRFIC2001 Datasheet
191Kb / 6P
900 MHz DOWNCONVERTER LNA/MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2002 MOTOROLA-MRFIC2002 Datasheet
184Kb / 6P
900 MHz TX-MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2101 MOTOROLA-MRFIC2101 Datasheet
124Kb / 10P
900 MHz TX-MIXER/EXCITER SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
Rohm
BD3485FS ROHM-BD3485FS Datasheet
331Kb / 6P
Silicon Monolithic Integrated Circuit
BD3538F ROHM-BD3538F Datasheet
373Kb / 6P
Silicon Monolithic Integrated Circuit
BD3538HFN ROHM-BD3538HFN Datasheet
383Kb / 6P
Silicon Monolithic Integrated Circuit
BD6081GU ROHM-BD6081GU_1 Datasheet
336Kb / 5P
Silicon Monolithic Integrated Circuit
BD6586MUV ROHM-BD6586MUV Datasheet
154Kb / 5P
Silicon Monolithic Integrated Circuit
BD6736FV ROHM-BD6736FV Datasheet
203Kb / 5P
Silicon Monolithic Integrated Circuit
BD6962FVM ROHM-BD6962FVM Datasheet
274Kb / 4P
Silicon Monolithic Integrated Circuit
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com