Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD302V-21 Datasheet (PDF) - Roithner LaserTechnik GmbH

SLD302V-21 Datasheet PDF - Roithner LaserTechnik GmbH
Part # SLD302V-21
Download  SLD302V-21 Download
File Size   63.12 Kbytes
Page   7 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description 200mW High Power Laser Diode

SLD302V-21 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD302V-21 Datasheet PDF - Roithner LaserTechnik GmbH

Part # SLD302V-21
Download  SLD302V-21 Click to download

File Size   63.12 Kbytes
Page   7 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description 200mW High Power Laser Diode

SLD302V-21 Datasheet (HTML) - Roithner LaserTechnik GmbH


SLD302V-21 Product details

Description
The SLD302V is a gain-guided, high-power laser diodes fabricated by MOCVD.
MOCVD: Metal Organic Chemical Vapor Deposition

Features
• High power Recommended power output Po = 180mW
• Low operating current

Applications
• Solid state laser excitation
• Medical use




Similar Part No. - SLD302V-21

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD302B SONY-SLD302B Datasheet
63Kb / 7P
Block-type 200mW High Power Laser Diode
SLD302WT SONY-SLD302WT Datasheet
149Kb / 7P
200mW HIGH POWER LASER DIODE
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
200mW High Power Laser Diode
More results


Similar Description - SLD302V-21

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Sony Corporation
SLD302B SONY-SLD302B Datasheet
63Kb / 7P
Block-type 200mW High Power Laser Diode
SLD302WT SONY-SLD302WT Datasheet
149Kb / 7P
200mW HIGH POWER LASER DIODE
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
200mW High Power Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
RLCO-940-1000-TO3 ROITHNER-RLCO-940-1000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLCO-1064-2000-TO3 ROITHNER-RLCO-1064-2000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLT635_100G ROITHNER-RLT635_100G Datasheet
109Kb / 2P
High Power Visible Laser Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com