Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD302V-21 Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # SLD302V-21
Description  200mW High Power Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SLD302V-21 Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  SLD302V-21 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 4Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 5Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 6Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 7Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
– 3 –
SLD302V
Example of Representative Characteristics
Optical power output vs.
Forward current characteristics
IF – Forward current [mA]
Optical power output vs. Monitor current characteristics
Imon – Monitor current [mA]
Threshold current vs. Temperature characteristics
Tc – Case temperature [
°C]
Power dependence of far field pattern
(parallel to junction)
Angle [degree]
Power depecdence of near field pattern
Oscillation wavelength vs. Temperature characteristics
Tc – Case temperature [
°C]
0
250
500
0
100
200
TC = 0
°C
TC = 25
°C
TC = 50
°C
0
0.1
0.2
0
100
200
TC = –10
°C
TC = 0
°C
TC = 25
°C
TC = 50
°C
–10
0
1020304050
100
500
1000
–30
–20
–10
0
102030
TC = 25
°C
PO = 180mW
PO = 90mW
PO = 30mW
50
µm
TC = 25
°C
PO = 180mW
PO = 150mW
PO = 100mW
PO = 75mW
PO = 50mW
PO = 25mW
–10
0
1020304050
780
790
830
820
810
800
PO = 180mW
TC = –10
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com