Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD302V-21 Datasheet(PDF) 7 Page - Roithner LaserTechnik GmbH

Part # SLD302V-21
Description  200mW High Power Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SLD302V-21 Datasheet(HTML) 7 Page - Roithner LaserTechnik GmbH

  SLD302V-21 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 4Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 5Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 6Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 7Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
– 7 –
SLD302V
Package Outline
Unit: mm
M-248 (LO-11)
Reference
Slot
1.0
Photo
Diode
2
3
1
Window
Glass
Reference
Plane
LD Chip
φ9.0 – 0.015
0
φ7.7 MAX
φ6.9 MAX
φ3.5
3 –
φ0.45
PCD
φ2.54
∗Optical
Distance = 2.55 ± 0.05
SONY CODE
EIAJ CODE
JEDEC CODE
M-248
PACKAGE MASS
1.2g
Sony Corporation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com