Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD302V-21 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SLD302V-21
Description  200mW High Power Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SLD302V-21 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SLD302V-21 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 4Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 5Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 6Page - Roithner LaserTechnik GmbH SLD302V-21 Datasheet HTML 7Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
200mW High Power Laser Diode
Description
The SLD302V is a gain-guided, high-power laser diodes fabricated by MOCVD.
MOCVD: Metal Organic Chemical Vapor Deposition
Features
• High power
Recommended power output
Po = 180mW
• Low operating current
Applications
• Solid state laser excitation
• Medical use
Structure
GaAlAs double-hetero-type laser diode
Operating Lifetime
MTTF 10,000H (effective value) at Po = 180mW, Tc = 25°C
Absolute Maximum Ratings (Tc = 25°C)
• Optical power output
Po
200
mW
• Reverse voltage
VR
LD
2
V
PD
15
V
• Operating temperature
Topr
–10 to +50
°C
• Storage temperature
Tstg
–40 to +85
°C
Warranty
This warranty period shall be 90 days after receipt of the product or 1,000 hours operation time whichever is
shorter.
Sony Quality Assurance Department shall analyze any product that fails during said warranty period, and if the
analysis results show that the product failed due to material or manufacturing defects on the part of Sony, the
product shall be replaced free of charge.
Laser diodes naturally have differing lifetimes which follow a Weibull distribution.
Special warranties are also available.
– 1 –
E88060C08-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
SLD302V
2
Bottom View
1. LD cathode
2. PD anode
3. COMMON
1
3
Pin Configuration


Similar Part No. - SLD302V-21

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD302B SONY-SLD302B Datasheet
63Kb / 7P
Block-type 200mW High Power Laser Diode
SLD302WT SONY-SLD302WT Datasheet
149Kb / 7P
200mW HIGH POWER LASER DIODE
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
200mW High Power Laser Diode
More results

Similar Description - SLD302V-21

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Sony Corporation
SLD302B SONY-SLD302B Datasheet
63Kb / 7P
Block-type 200mW High Power Laser Diode
SLD302WT SONY-SLD302WT Datasheet
149Kb / 7P
200mW HIGH POWER LASER DIODE
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
200mW High Power Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
RLCO-940-1000-TO3 ROITHNER-RLCO-940-1000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLCO-1064-2000-TO3 ROITHNER-RLCO-1064-2000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLT635_100G ROITHNER-RLT635_100G Datasheet
109Kb / 2P
High Power Visible Laser Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com