Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8032ARM Datasheet (PDF) - Analog Devices

AD8032ARM Datasheet PDF - Analog Devices
Part # AD8032ARM
Download  AD8032ARM Download
File Size   635.78 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers

AD8032ARM Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8032ARM Datasheet PDF - Analog Devices

Part # AD8032ARM
Download  AD8032ARM Click to download

File Size   635.78 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers

AD8032ARM Datasheet (HTML) - Analog Devices


AD8032ARM Product details

GENERAL DESCRIPTION
The AD8031 (single) and AD8032 (dual) single-supply, voltage feedback amplifiers feature high speed performance with 80 MHz of small signal bandwidth, 30 V/μs slew rate, and 125 ns settling time. This performance is possible while consuming less than 4.0 mW of power from a single 5 V supply. These features increase the operation time of high speed, battery-powered systems without compromising dynamic performance.

FEATURES
   Low power
      Supply current 800 μA/amplifier
      Fully specified at +2.7 V, +5 V, and ±5 V supplies
   High speed and fast settling on 5 V
      80 MHz, −3 dB bandwidth (G = +1)
      30 V/μs slew rate
      125 ns settling time to 0.1%
   Rail-to-rail input and output
      No phase reversal with input 0.5 V beyond supplies
      Input CMVR extends beyond rails by 200 mV
      Output swing to within 20 mV of either rail
   Low distortion
      −62 dB @ 1 MHz, VO = 2 V p-p
      −86 dB @ 100 kHz, VO = 4.6 V p-p
   Output current: 15 mA
   High grade option: VOS (maximum) = 1.5 mV

APPLICATIONS
   High speed, battery-operated systems
   High component density systems
   Portable test instruments
   A/D buffers
   Active filters
   High speed, set-and-demand amplifiers




Similar Part No. - AD8032ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8032ARM AD-AD8032ARM Datasheet
247Kb / 16P
2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
REV.B
AD8032ARM AD-AD8032ARM Datasheet
430Kb / 20P
2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8032ARM AD-AD8032ARM Datasheet
418Kb / 20P
2.7 V, 800 μA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8032ARM-EBZ AD-AD8032ARM-EBZ Datasheet
418Kb / 20P
2.7 V, 800 μA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8032ARM-REEL AD-AD8032ARM-REEL Datasheet
247Kb / 16P
2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
REV.B
More results


Similar Description - AD8032ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8031 AD-AD8031 Datasheet
247Kb / 16P
2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
REV.B
AD8031 AD-AD8031_06 Datasheet
430Kb / 20P
2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Analog Devices
AD8031 AD-AD8031_15 Datasheet
419Kb / 20P
2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8032 AD-AD8032_15 Datasheet
419Kb / 20P
2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
logo
Texas Instruments
TLV379 TI1-TLV379 Datasheet
1Mb / 32P
Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
Rail-to-Rail I/O Operational Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com