Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8032ARM Datasheet(PDF) 1 Page - Analog Devices

Part # AD8032ARM
Description  2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032ARM Datasheet(HTML) 1 Page - Analog Devices

  AD8032ARM Datasheet HTML 1Page - Analog Devices AD8032ARM Datasheet HTML 2Page - Analog Devices AD8032ARM Datasheet HTML 3Page - Analog Devices AD8032ARM Datasheet HTML 4Page - Analog Devices AD8032ARM Datasheet HTML 5Page - Analog Devices AD8032ARM Datasheet HTML 6Page - Analog Devices AD8032ARM Datasheet HTML 7Page - Analog Devices AD8032ARM Datasheet HTML 8Page - Analog Devices AD8032ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2.7 V, 800 µA, 80 MHz
Rail-to-Rail I/O Amplifiers
Data Sheet
AD8031/AD8032
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low power
Supply current 800 µA/amplifier
Fully specified at +2.7 V, +5 V, and ±5 V supplies
High speed and fast settling on 5 V
80 MHz, −3 dB bandwidth (G = +1)
30 V/µs slew rate
125 ns settling time to 0.1%
Rail-to-rail input and output
No phase reversal with input 0.5 V beyond supplies
Input CMVR extends beyond rails by 200 mV
Output swing to within 20 mV of either rail
Low distortion
−62 dB @ 1 MHz, VO = 2 V p-p
−86 dB @ 100 kHz, VO = 4.6 V p-p
Output current: 15 mA
High grade option: VOS (maximum) = 1.5 mV
APPLICATIONS
High speed, battery-operated systems
High component density systems
Portable test instruments
A/D buffers
Active filters
High speed, set-and-demand amplifiers
GENERAL DESCRIPTION
The AD8031 (single) and AD8032 (dual) single-supply, voltage
feedback amplifiers feature high speed performance with
80 MHz of small signal bandwidth, 30 V/µs slew rate, and 125 ns
settling time. This performance is possible while consuming less
than 4.0 mW of power from a single 5 V supply. These features
increase the operation time of high speed, battery-powered
systems without compromising dynamic performance.
The products have true single-supply capability with rail-to-rail
input and output characteristics and are specified for +2.7 V, +5 V,
and ±5 V supplies. The input voltage range can extend to 500 mV
beyond each rail. The output voltage swings to within 20 mV of
each rail providing the maximum output dynamic range.
The AD8031/AD8032 also offer excellent signal quality for only
800 µA of supply current per amplifier; THD is −62 dBc with a
2 V p-p, 1 MHz output signal, and –86 dBc for a 100 kHz,
4.6 V p-p signal on +5 V supply. The low distortion and fast
settling time make them ideal as buffers to single-supply ADCs.
CONNECTION DIAGRAMS
NC
1
–IN
2
+IN
3
–VS 4
NC
8
+VS
7
OUT
6
NC
5
NC = NO CONNECT
AD8031
+
–
OUT1
1
–IN1
2
+IN1
3
–VS 4
+VS
8
OUT2
7
–IN2
6
+IN2
5
AD8032
+ –
+
–
Figure 1. 8-Lead PDIP (N) and
SOIC_N (R)
Figure 2. 8-Lead PDIP (N),
SOIC_N (R), and MSOP (RM)
VOUT 1
+IN
3
–VS 2
+VS
5
–IN
4
AD8031
+
–
Figure 3. 5-Lead SOT-23 (RJ-5)
Operating on supplies from +2.7 V to +12 V and dual supplies
up to ±6 V, the AD8031/AD8032 are ideal for a wide range of
applications, from battery-operated systems with large bandwidth
requirements to high speed systems where component density
requires lower power dissipation. The AD8031/AD8032 are
available in 8-lead PDIP and 8-lead SOIC_N packages and
operate over the industrial temperature range of −40°C to
+85°C. The AD8031A is also available in the space-saving
5-lead SOT-23 package, and the AD8032A is available in an
8-lead MSOP package.
2µs/DIV
VIN = 4.85V p-p
2µs/DIV
VOUT = 4.65V p-p
G = +1
Figure 4. Input VIN
Figure 5. Output VOUT
VIN
+5V
1k
Ω
1.7pF
+2.5V
VOUT
+
–
Figure 6. Rail-to-Rail Performance at 100 kHz


Similar Part No. - AD8032ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8032ARM AD-AD8032ARM Datasheet
247Kb / 16P
2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
REV.B
AD8032ARM AD-AD8032ARM Datasheet
430Kb / 20P
2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8032ARM AD-AD8032ARM Datasheet
418Kb / 20P
2.7 V, 800 μA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8032ARM-EBZ AD-AD8032ARM-EBZ Datasheet
418Kb / 20P
2.7 V, 800 μA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8032ARM-REEL AD-AD8032ARM-REEL Datasheet
247Kb / 16P
2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
REV.B
More results

Similar Description - AD8032ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8031 AD-AD8031 Datasheet
247Kb / 16P
2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
REV.B
AD8031 AD-AD8031_06 Datasheet
430Kb / 20P
2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Analog Devices
AD8031 AD-AD8031_15 Datasheet
419Kb / 20P
2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8032 AD-AD8032_15 Datasheet
419Kb / 20P
2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
logo
Texas Instruments
TLV379 TI1-TLV379 Datasheet
1Mb / 32P
Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
Rail-to-Rail I/O Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com