Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8032ARM Datasheet(PDF) 3 Page - Analog Devices

Part # AD8032ARM
Description  2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032ARM Datasheet(HTML) 3 Page - Analog Devices

  AD8032ARM Datasheet HTML 1Page - Analog Devices AD8032ARM Datasheet HTML 2Page - Analog Devices AD8032ARM Datasheet HTML 3Page - Analog Devices AD8032ARM Datasheet HTML 4Page - Analog Devices AD8032ARM Datasheet HTML 5Page - Analog Devices AD8032ARM Datasheet HTML 6Page - Analog Devices AD8032ARM Datasheet HTML 7Page - Analog Devices AD8032ARM Datasheet HTML 8Page - Analog Devices AD8032ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AD8031/AD8032
Data Sheet
Rev. F | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Connection Diagrams...................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
+2.7 V Supply................................................................................ 3
+5 V Supply................................................................................... 4
±5 V Supply................................................................................... 5
Absolute Maximum Ratings............................................................ 6
Maximum Power Dissipation ..................................................... 6
ESD Caution.................................................................................. 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ...................................................................... 13
Input Stage Operation................................................................ 13
Overdriving the Input Stage...................................................... 13
Output Stage, Open-Loop Gain and Distortion vs. Clearance
from Power Supply..................................................................... 14
Output Overdrive Recovery...................................................... 14
Driving Capacitive Loads.......................................................... 15
Applications..................................................................................... 16
A 2 MHz Single-Supply, Biquad Band-Pass Filter ................. 16
High Performance, Single-Supply Line Driver........................... 16
Outline Dimensions....................................................................... 18
Ordering Guide .......................................................................... 20
REVISION HISTORY
8/13—Rev. E to Rev. F
Changed Input Current Noise at f = 100 kHz from 2.4 pA/√Hz
to 0.4 pA/√Hz (Throughout) .......................................................... 3
6/13—Rev. D to Rev. E
Changes to DC Performance Parameter, Table 1 ......................... 3
Updated Outline Dimensions....................................................... 19
Changes to Ordering Guide .......................................................... 20
11/08—Rev. C to Rev. D
Change to Table 3 Column Heading.............................................. 5
Change to Ordering Guide............................................................ 20
7/06—Rev. B to Rev. C
Updated Format..................................................................Universal
Updated Outline Dimensions....................................................... 18
Change to Ordering Guide............................................................ 20
9/99—Rev. A to Rev. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com