Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8032ARM Datasheet(PDF) 9 Page - Analog Devices

Part # AD8032ARM
Description  2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032ARM Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8032ARM Datasheet HTML 5Page - Analog Devices AD8032ARM Datasheet HTML 6Page - Analog Devices AD8032ARM Datasheet HTML 7Page - Analog Devices AD8032ARM Datasheet HTML 8Page - Analog Devices AD8032ARM Datasheet HTML 9Page - Analog Devices AD8032ARM Datasheet HTML 10Page - Analog Devices AD8032ARM Datasheet HTML 11Page - Analog Devices AD8032ARM Datasheet HTML 12Page - Analog Devices AD8032ARM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AD8031/AD8032
Data Sheet
Rev. F | Page 8 of 20
0
–0.5
–2.5
–1.0
–1.5
–2.0
VCC =2.7V
VCC =5V
VCC = 10V
100
1k
10k
RLOAD (Ω)
VCC
VEE
VIN
VCC
2
RLOAD
VOUT
Figure 14. +Output Saturation Voltage vs. RLOAD @ +85°C
0
–0.5
–2.5
–1.0
–1.5
–2.0
100
1k
10k
RLOAD (Ω)
VCC =2.7V
VCC =5V
VCC =10V
VCC
VEE
VIN
VCC
2
RLOAD
VOUT
Figure 15. +Output Saturation Voltage vs. RLOAD @ +25°C
0
–0.5
–2.5
–1.0
–1.5
–2.0
100
1k
10k
RLOAD (Ω)
VCC
VEE
VIN
VCC
2
RLOAD
VOUT
VCC =2.7V
VCC =5V
VCC = 10V
Figure 16. +Output Saturation Voltage vs. RLOAD @ −40°C
1.2
1.0
0
100
10k
1k
0.6
0.4
0.2
0.8
RLOAD (Ω)
VCC =10V
VCC =5V
VCC =2.7V
VCC
VEE
VIN
VCC
2
RLOAD
VOUT
Figure 17. −Output Saturation Voltage vs. RLOAD @ +85°C
1.2
1.0
0
100
10k
1k
0.6
0.4
0.2
0.8
RLOAD (Ω)
VCC
VEE
VIN
VCC
2
RLOAD
VOUT
VCC = 10V
VCC =5V
VCC =2.7V
Figure 18. −Output Saturation Voltage vs. RLOAD @ +25°C
1.2
1.0
0
100
10k
1k
0.6
0.4
0.2
0.8
RLOAD (Ω)
VCC
VEE
VIN
VCC
2
RLOAD
VOUT
VCC =2.7V
VCC =5V
VCC = 10V
Figure 19. −Output Saturation Voltage vs. RLOAD @ −40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com