Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG822BRM Datasheet (PDF) - Analog Devices

ADG822BRM Datasheet PDF - Analog Devices
Part # ADG822BRM
Download  ADG822BRM Download
File Size   215.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches

ADG822BRM Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG822BRM Datasheet PDF - Analog Devices

Part # ADG822BRM
Download  ADG822BRM Click to download

File Size   215.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches

ADG822BRM Datasheet (HTML) - Analog Devices


ADG822BRM Product details

GENERAL DESCRIPTION
The ADG821/ADG822/ADG823 are monolithic CMOS singlepole, single-throw (SPST) switches. These switches are designed on an advanced submicron process that provides low power dissipation, yet gives high switching speed, low on resistance, and low leakage currents.

FEATURES
   0.8 Ω maximum on resistance @ 125°C
   0.3 Ω maximum on resistance flatness @ 125°C
   1.8 V to 5.5 V single supply
   200 mA current carrying capability
   Automotive temperature range: −40°C to +125°C
   Rail-to-rail operation
   8-lead MSOP
   33 ns switching times
   Typical power consumption: <0.01 μW
   TTL-/CMOS-compatible inputs
   Pin-compatible with the ADG721/ADG722/ADG723

APPLICATIONS
   Power routing
   Battery-powered systems
   Communication systems
   Data acquisition systems
   Audio and video signal routing
   Cellular phones
   Modems
   PCMCIA cards
   Hard drives
   Relay replacement




Similar Part No. - ADG822BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG822BRM AD-ADG822BRM Datasheet
333Kb / 12P
<1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV.0
More results


Similar Description - ADG822BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG621 AD-ADG621 Datasheet
141Kb / 12P
CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV.0
ADG721 AD-ADG721 Datasheet
204Kb / 8P
CMOS Low Voltage 4 ohm Dual SPST Switches
REV.0
ADG801 AD-ADG801 Datasheet
76Kb / 9P
<0.5 ohm CMOS, Low Voltage, SPST Switches
ADG821 AD-ADG821 Datasheet
333Kb / 12P
<1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV.0
ADG701L AD-ADG701L Datasheet
598Kb / 12P
CMOS Low Voltage 2 OHM SPST Switches
11/06-Revision 0
logo
Intersil Corporation
ISL54063 INTERSIL-ISL54063 Datasheet
396Kb / 15P
1.8V to 6.5V, Sub-ohm, Dual SPST
February 25, 2009
ISL54501 INTERSIL-ISL54501 Datasheet
335Kb / 13P
1.8V to 5.5V, 5OHM, Single SPST Analog Switches
October 26, 2009
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
October 23, 2009
logo
Analog Devices
ADG819BRMZ AD-ADG819BRMZ Datasheet
239Kb / 16P
0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
1.8V to 5.5V, 2.5W, Single SPST Analog Switches
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com