Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS25401SPBF Datasheet (PDF) - International Rectifier

IRS25401SPBF Datasheet PDF - International Rectifier
Part # IRS25401SPBF
Download  IRS25401SPBF Download
File Size   519.17 Kbytes
Page   20 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description LED BUCK REGULATOR CONTROL IC

IRS25401SPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS25401SPBF Datasheet PDF - International Rectifier

Part # IRS25401SPBF
Download  IRS25401SPBF Click to download

File Size   519.17 Kbytes
Page   20 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description LED BUCK REGULATOR CONTROL IC

IRS25401SPBF Datasheet (HTML) - International Rectifier


IRS25401SPBF Product details

Description
The IRS254(01,11) are high voltage, high frequency buck control ICs for constant LED current regulation. They incorporate a continuous mode time-delayed hysteretic buck regulator to directly control the average load current, using an accurate on-chip bandgap voltage reference. These parts directly replace the IRS2540 and IRS2541 with improved latch up immunity.

Features
• 200 V (IRS25401) and 600 V (IRS25411) half bridge driver
• Micropower startup (<500 μA)
• ±2% voltage reference
• 140 ns deadtime
• 15.6 V zener clamp on VCC
• Frequency up to 500 kHz
• Auto restart, non-latched shutdown
• PWM dimmable
• Small 8-Lead DIP/8-Lead SOIC packages

Typical Applications
    LED drivers for lamp replacement
    LED driver back end current regulator




Similar Part No. - IRS25401SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS25401S IRF-IRS25401S Datasheet
501Kb / 2P
High-Voltage Buck Control ICs for Constant LED Current Regulation
More results


Similar Description - IRS25401SPBF

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
SWITCHING REGULATOR CONTROL IC
logo
Micrel Semiconductor
MIC2194 MICREL-MIC2194 Datasheet
63Kb / 10P
400kHz SO-8 Buck Control IC
logo
International Rectifier
IRS2540PBF IRF-IRS2540PBF Datasheet
449Kb / 14P
LED BUCK REGULATOR CONTROL IC
logo
Micrel Semiconductor
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
logo
International Rectifier
IRS25401PBF IRF-IRS25401PBF_15 Datasheet
519Kb / 20P
LED BUCK REGULATOR CONTROL IC
logo
Micrel Semiconductor
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
1MHz PWM Synchronous Buck-Control IC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com