Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7153KAI-TRG Datasheet (PDF) - Anpec Electronics Coropration

APW7153KAI-TRG Datasheet PDF - Anpec Electronics Coropration
Part # APW7153KAI-TRG
Download  APW7153KAI-TRG Download
File Size   407.96 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A 5V 2MHz Synchronous Buck Converter

APW7153KAI-TRG Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7153KAI-TRG Datasheet PDF - Anpec Electronics Coropration

Part # APW7153KAI-TRG
Download  APW7153KAI-TRG Click to download

File Size   407.96 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A 5V 2MHz Synchronous Buck Converter

APW7153KAI-TRG Datasheet (HTML) - Anpec Electronics Coropration


APW7153KAI-TRG Product details

General Description
APW7153/A/B is a 3A synchronous buck converter with integrated 110mW power MOSFETs. The APW7153/A/B is designed with a current-mode control scheme; it can convert wide input voltage of 2.6V to 5.5V to the output voltage adjustable from 0.8V to 5.5V to provide excellent output voltage regulation.

Features
· High Efficiency up to 95%
     - PFM/PWM Mode Operation
· Adjustable Output Voltage from 0.8V to VIN
· Integrated 110mW High/Low Side MOSFET
· Programmable Switching Frequency: 300kHz to 2MHz
· Low Dropout Operation: 100% Duty Cycle
· Stable with Low ESR Capacitors
· Power-On-Reset Detection on VDD and PVDD
· Integrate Soft-Start and Soft-Off
· Over-Temperature Protection
· Over-Voltage Protection
· Under-Voltage Protection
· High/Low Side Current-Limit
· Power Good Indicator (APW7153A/B)
· Enable/Shutdown Function
· Small TDFN3x3-10 and SOP-8P Packages
· Lead Free and Green Devices Available (RoHS Compliant)

Applications
· LCD Minitor/TV
· Set-Top Box
· DSL, Switch HUB
· Notebook Computer
· Portable Instrument




Similar Part No. - APW7153KAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7158 ANPEC-APW7158 Datasheet
511Kb / 24P
Dual Synchronous Buck PWM Controllers
APW7158KE-TRG ANPEC-APW7158KE-TRG Datasheet
511Kb / 24P
Dual Synchronous Buck PWM Controllers
APW7159C ANPEC-APW7159C Datasheet
357Kb / 27P
Dual Channel Synchronous Buck PWM Controller for SMPS
Rev. A.3 - Oct., 2019
More results


Similar Description - APW7153KAI-TRG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
3A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
3A, 2MHz, Synchronous Step-Down Converter
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
3A 5V 1MHz Synchronous Buck Converter
APW8805A ANPEC-APW8805A Datasheet
389Kb / 19P
3A 5V 1MHz Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com