Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC51 Datasheet (PDF) - Microchip Technology

TC51 Datasheet PDF - Microchip Technology
Part # TC51
Download  TC51 Download
File Size   449.93 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1UA Voltage Detector with Output Delay

TC51 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC51 Datasheet PDF - Microchip Technology

Part # TC51
Download  TC51 Click to download

File Size   449.93 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1UA Voltage Detector with Output Delay

TC51 Datasheet (HTML) - Microchip Technology


TC51 Product details

General Description
The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its extremely low 1µA operating current and small surface-mount packaging. Each part is lasertrimmed to the desired threshold voltage, which can be specified from 1.6V to 6.0V. The standard built-in output delay is 50msec-200msec.
The device includes a comparator, low-current high-precision reference, laser-programmed voltage divider, hysteresis circuit and output driver with digital delay timer.

Features
• Precise Detection Thresholds: ±2.0%
• Small Package: 3-Pin SOT-23A
• Low Supply Current: Typ. 1µA
• Wide Detection Range: 1.6V to 6.0V
• Wide Operating Voltage Range: 0.7V to 10V
• Built-in Delay Circuit: 50msec to 200 msec
• Open-Drain Output

Applications
• Battery Voltage Monitoring
• Microprocessor Reset
• System Brown-out Protection




Similar Part No. - TC51

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC51 MICROCHIP-TC51 Datasheet
499Kb / 14P
1關A Voltage Detector with Output Delay
2002
logo
Cornell Dubilier Electr...
TC51 CDE-TC51 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Microchip Technology
TC51 MICROCHIP-TC51 Datasheet
449Kb / 14P
1A Voltage Detector with Output Delay
05/01/02
logo
TelCom Semiconductor, I...
TC510 TELCOM-TC510 Datasheet
209Kb / 17P
PRECISION ANALOG FRONT ENDS
logo
Microchip Technology
TC510 MICROCHIP-TC510 Datasheet
565Kb / 28P
Precision Analog Front Ends
2002
More results


Similar Description - TC51

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Rev. 1.10
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Microchip Technology
TC51 MICROCHIP-TC51 Datasheet
499Kb / 14P
1關A Voltage Detector with Output Delay
2002
logo
Rohm
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
Voltage Detector IC with Adjustable Output Delay
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
Voltage Detector IC with Adjustable Output Delay
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
Voltage detector with delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
1A Voltage Detector with Output Delay
05/01/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com