Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC51 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC51
Description  1UA Voltage Detector with Output Delay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC51 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC51 Datasheet HTML 2Page - Microchip Technology TC51 Datasheet HTML 3Page - Microchip Technology TC51 Datasheet HTML 4Page - Microchip Technology TC51 Datasheet HTML 5Page - Microchip Technology TC51 Datasheet HTML 6Page - Microchip Technology TC51 Datasheet HTML 7Page - Microchip Technology TC51 Datasheet HTML 8Page - Microchip Technology TC51 Datasheet HTML 9Page - Microchip Technology TC51 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TC51
DS21429B-page 6
 2002 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4.0
3.0
1.0
0.0
02
4
6
8
10
INPUT VOLTAGE VIN (V)
TA = 80°C
-30
°C
-30
°C
-30
°C
25
°C
2.0
TC51N1602
1. SUPPLY CURRENT VS. INPUT VOLTAGE
4.0
3.0
1.0
0.0
02
46
8
10
INPUT VOLTAGE VIN (V)
2.0
TC51N2502
25
°C
25
°C
4.0
3.0
1.0
0.0
02
46
8
10
INPUT VOLTAGE VIN (V)
2.0
TC51N3502
TA = 80°C
TA = 80°C
1.8
1.7
1.5
1.4
-40
-20
0
20
40
60
80
AMBIENT TEMPERATURE TA (°C)
1.6
TC51N1602
2. THRESHOLD VOLTAGE, HYSTERESIS VOLTAGE VS. AMBIENT TEMPERATURE
80
VHYST
2.8
2.7
2.5
2.4
2.3
-40
-20
0
20
40
60
AMBIENT TEMPERATURE TA (°C)
2.6
TC51N2502
VHYST
80
3.8
3.7
3.5
3.4
3.3
3.2
-40
-20
0
20
40
60
AMBIENT TEMPERATURE TA (°C)
3.6
TC51N3502
VDET
VDET
VDET
VHYST
3.0
2.5
1.5
1.0
0.5
0.0
0
1
2
3
INPUT VOLTAGE VIN (V)
2.0
TC51N1602
3. OUTPUT VOLTAGE VS. INPUT VOLTAGE
VIN – VOUT: 100k
TA = 30°C
= 25
°C
= 80
°C
4
3
1
0
0
12
34
INPUT VOLTAGE VIN (V)
2
TC51N2502
VIN – VOUT: 100k
TA = 30°C
= 25
°C
= 80
°C
4
5
3
1
0
0
12
34
5
INPUT VOLTAGE VIN (V)
2
TC51N3502
VIN – VOUT: 100k
TA = 30°C
= 25
°C
= 80
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com