Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC51 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC51
Description  1UA Voltage Detector with Output Delay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC51 Datasheet(HTML) 4 Page - Microchip Technology

  TC51 Datasheet HTML 1Page - Microchip Technology TC51 Datasheet HTML 2Page - Microchip Technology TC51 Datasheet HTML 3Page - Microchip Technology TC51 Datasheet HTML 4Page - Microchip Technology TC51 Datasheet HTML 5Page - Microchip Technology TC51 Datasheet HTML 6Page - Microchip Technology TC51 Datasheet HTML 7Page - Microchip Technology TC51 Datasheet HTML 8Page - Microchip Technology TC51 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC51
DS21429B-page 4
 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
In normal steady-state operation, when VIN > VDET -,
the output is high, see Figure 3-1. If and when the
input falls below VDET -, the output pulls down (Logic 0)
to VSS. Generally, VOUT can pull down to within 0.5V of
VSS at rated output current and input voltage. (Also see
Section 1.0, Electrical Characteristics).
The output, VOUT, stays valid until the input voltage falls
below the minimum operating voltage, VINMIN, of 0.7V.
Below this minimum operating voltage, the output is
undefined. During power-up or anytime VIN has fallen
below VINMIN, VOUT will remain undefined until VIN rises
above VINMIN, at which time the output becomes valid.
VOUT is maintained in its active low state while
VINMIN <VIN < VDET+. (VDET+ = VDET - + VHYST). If and
when the input rises above VDET+, the output will
assume its inactive state after Delay Time (TDLY).
FIGURE 3-1:
TIMING DIAGRAM
VIN
Detect Voltage VDET-
Minimum Operating
Voltage
VHYST
VDET+
Output Voltage
Release
Voltage
Ground Level
Ground Level
Delay Time (TDLY)
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com