Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC51 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC51
Description  1UA Voltage Detector with Output Delay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC51 Datasheet(HTML) 1 Page - Microchip Technology

  TC51 Datasheet HTML 1Page - Microchip Technology TC51 Datasheet HTML 2Page - Microchip Technology TC51 Datasheet HTML 3Page - Microchip Technology TC51 Datasheet HTML 4Page - Microchip Technology TC51 Datasheet HTML 5Page - Microchip Technology TC51 Datasheet HTML 6Page - Microchip Technology TC51 Datasheet HTML 7Page - Microchip Technology TC51 Datasheet HTML 8Page - Microchip Technology TC51 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2002 Microchip Technology Inc.
DS21429B-page 1
M
TC51
Features
• Precise Detection Thresholds: ±2.0%
• Small Package: 3-Pin SOT-23A
• Low Supply Current: Typ. 1
µA
• Wide Detection Range: 1.6V to 6.0V
• Wide Operating Voltage Range: 0.7V to 10V
• Built-in Delay Circuit: 50msec to 200 msec
• Open-Drain Output
Applications
• Battery Voltage Monitoring
• Microprocessor Reset
• System Brown-out Protection
Device Selection Table
Other output voltages are available. Please contact Microchip
Technology Inc. for details.
Package Type
General Description
The TC51 is a very low power, open drain output,
CMOS voltage detector with built-in delay. It is
particularly well-suited for battery powered applications
because of its extremely low 1
µA operating current and
small surface-mount packaging. Each part is laser-
trimmed to the desired threshold voltage, which can be
specified from 1.6V to 6.0V. The standard built-in
output delay is 50msec-200msec.
The device includes a comparator, low-current high-
precision reference, laser-programmed voltage divider,
hysteresis circuit and output driver with digital delay
timer.
In operation, the TC51’s output (VOUT) remains in the
logic HIGH state as long as VIN is greater than the
specified threshold voltage (VDET -). When VIN falls
below VDET -, the output is immediately driven to a logic
LOW. VOUT remains LOW until VIN rises above VDET -
by an amount VHYST, whereupon it returns to a logic
HIGH after expiration of the built-in delay time.
Functional Block Diagram
Part Number
Package
Temp. Range
TC51-xxxxxxxxxx
3-Pin SOT-23A -40°C to +85°C
VIN
VOUT
VSS
TC51
1
2
3
3-Pin SOT-23A
NOTE: 3-Pin SOT-23A is equivalent to the EIAJ SC-59.
VIN
VSS
VOUT
VREF
Delay
Circuit
1
µA Voltage Detector with Output Delay


Similar Part No. - TC51

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC51 MICROCHIP-TC51 Datasheet
499Kb / 14P
1關A Voltage Detector with Output Delay
2002
logo
Cornell Dubilier Electr...
TC51 CDE-TC51 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Microchip Technology
TC51 MICROCHIP-TC51 Datasheet
449Kb / 14P
1A Voltage Detector with Output Delay
05/01/02
logo
TelCom Semiconductor, I...
TC510 TELCOM-TC510 Datasheet
209Kb / 17P
PRECISION ANALOG FRONT ENDS
logo
Microchip Technology
TC510 MICROCHIP-TC510 Datasheet
565Kb / 28P
Precision Analog Front Ends
2002
More results

Similar Description - TC51

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Rev. 1.10
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Microchip Technology
TC51 MICROCHIP-TC51 Datasheet
499Kb / 14P
1關A Voltage Detector with Output Delay
2002
logo
Rohm
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
Voltage Detector IC with Adjustable Output Delay
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
Voltage Detector IC with Adjustable Output Delay
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
Voltage detector with delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com