Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC59 Datasheet (PDF) - Microchip Technology

TC59 Datasheet PDF - Microchip Technology
Part # TC59
Download  TC59 Download
File Size   555.8 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Dropout, Negative Output Voltage Regulator

TC59 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC59 Datasheet PDF - Microchip Technology

Part # TC59
Download  TC59 Click to download

File Size   555.8 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Dropout, Negative Output Voltage Regulator

TC59 Datasheet (HTML) - Microchip Technology


TC59 Product details

General Description
The TC59 is a low dropout, negative output voltage regulator designed specifically for battery-operated systems. Its full CMOS construction eliminates the wasted ground current typical of bipolar LDOs. This reduced supply current significantly extends battery life, particularly when the TC59 is operated in dropout.

Features
• Low Dropout Voltage
    - Typically 120mV @ 50mA; 380mV @ 100mA for -5.0V Output Part
• Tight Output Voltage Tolerance: ±2% Max
• Low Supply Current: 3.5A, Typ
• Small Package: 3-Pin SOT-23A

Applications
• Cellular Phones
• Battery Operated Systems
• Palmtops
• Portable Cameras




Similar Part No. - TC59

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC59 MICROCHIP-TC59 Datasheet
570Kb / 20P
Low Dropout, Negative Output Voltage Regulator
2002
logo
Cornell Dubilier Electr...
TC59 CDE-TC59 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
TC593 CDE-TC593 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Microchip Technology
TC593002ECB MICROCHIP-TC593002ECB Datasheet
570Kb / 20P
Low Dropout, Negative Output Voltage Regulator
2002
TC593002ECB MICROCHIP-TC593002ECB Datasheet
336Kb / 20P
Low Dropout, Negative Output Voltage Regulator
11/29/12 2001-2012
More results


Similar Description - TC59

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
Negative Low Dropout Regulator
logo
Microchip Technology
TC59 MICROCHIP-TC59 Datasheet
570Kb / 20P
Low Dropout, Negative Output Voltage Regulator
2002
logo
M.S. Kennedy Corporatio...
MSK5330-5.0H MSK-MSK5330-5.0H Datasheet
233Kb / 5P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332-5.0HTG MSK-MSK5332-5.0HTG Datasheet
271Kb / 6P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
National Semiconductor ...
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
Negative Low Dropout Adjustable Regulator
logo
New Japan Radio
NJM2829 NJRC-NJM2829 Datasheet
221Kb / 9P
Very Low Output Negative Voltage Regulator
logo
Microchip Technology
TC59 MICROCHIP-TC59_13 Datasheet
336Kb / 20P
Low Dropout, Negative Output Voltage Regulator
11/29/12 2001-2012
logo
Anaren Microwave
MSK5330 ANAREN-MSK5330 Datasheet
229Kb / 5P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332 ANAREN-MSK5332 Datasheet
137Kb / 6P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2839 NJRC-NJM2839 Datasheet
131Kb / 9P
POSITIVE/NEGATIVE 2CH LOW DROPOUT VOLTAGE REGULATOR
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com