Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC59 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC59
Description  Low Dropout, Negative Output Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC59 Datasheet(HTML) 3 Page - Microchip Technology

  TC59 Datasheet HTML 1Page - Microchip Technology TC59 Datasheet HTML 2Page - Microchip Technology TC59 Datasheet HTML 3Page - Microchip Technology TC59 Datasheet HTML 4Page - Microchip Technology TC59 Datasheet HTML 5Page - Microchip Technology TC59 Datasheet HTML 6Page - Microchip Technology TC59 Datasheet HTML 7Page - Microchip Technology TC59 Datasheet HTML 8Page - Microchip Technology TC59 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21438B-page 3
TC59
2.0
PIN DESCRIPTIONS
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
3.0
DETAILED DESCRIPTION
The TC59 is a low quiescent current, precision fixed
negative output voltage LDO. Unlike bipolar linear
regulators, the TC59 supply current does not increase
proportionally with load current.
3.1
Output Capacitor
A minimum of 1
µF tantalum output capacitor is
required. The requirements for the output capacitor are
an equivalent series resistance (esr) greater than 0.1
Ω
and less than 5
Ω, with a self-resonant frequency
greater than 1MHz. To improve supply noise rejection
and transient response, larger output capacitors can be
used. Care should be taken when increasing COUT, that
the input impedance is not high enough to cause high
input impedance oscillation.
3.2
Input Capacitor
A1
µF input capacitor is recommended for most
applications when the input impedance is on the order
of 10
Ω. When operating off of a battery input, or there
is a large distance from the input source to the LDO,
larger input capacitance may be required for stability.
When large values of output capacitance are used, the
input capacitance should be increased to prevent high
source impedance oscillations.
Pin No.
(3-Pin SOT-23A)
Symbol
Description
1VOUT
Regulated voltage output.
2VIN
Supply voltage input.
3VSS
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com