Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC59 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC59
Description  Low Dropout, Negative Output Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC59 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC59 Datasheet HTML 2Page - Microchip Technology TC59 Datasheet HTML 3Page - Microchip Technology TC59 Datasheet HTML 4Page - Microchip Technology TC59 Datasheet HTML 5Page - Microchip Technology TC59 Datasheet HTML 6Page - Microchip Technology TC59 Datasheet HTML 7Page - Microchip Technology TC59 Datasheet HTML 8Page - Microchip Technology TC59 Datasheet HTML 9Page - Microchip Technology TC59 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TC59
DS21438B-page 6
© 2002 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
2. OUTPUT VOLTAGE vs. INPUT VOLTAGE
TC593002 (-3.0V
)
TC594002 (-4.0V)
-5
-6
-7
-8
-9
-10
INPUT VOLTAGE VIN (V)
TC595002 (-5.0V)
-4.2
-4.4
-4.6
-4.8
-5.0
-5.2
-4.5
-5.0
-5.5
-3.2
-3.4
-3.6
-3.8
-4.0
-4.2
-3.5
-4.0
-4.5
-2.2
-2.4
-2.6
-2.8
-3.0
-3.2
-4.85
-4.90
-4.95
-5.00
-5.05
-5.10
-4
-5
-6
-7
-8
-9
-3.85
-3.90
-3.95
-4.00
-4.05
-4.10
-10
-3
-4
-5
-6
-7
-8
-2.85
-2.90
-2.95
-3.00
-3.05
-3.10
-9
-10
20mA
40mA
TOPR = 25°C
-2.5
-3.0
-3.5
IOUT
A
= 1mA
IOUT = 1mA
20mA
A
A
40mA
IOUT = 1mA
40mA
20mA
IOUT = 1mA
40mA
20mA
IOUT = 1mA
40mA
20mA
IOUT = 1mA
40mA
20mA
INPUT VOLTAGE VIN (V)
TC595002 (-5.0V)
TOPR = 25°C
INPUT VOLTAGE VIN (V)
TOPR = 25°C
TC594002 (-4.0V)
INPUT VOLTAGE VIN (V)
TOPR = 25°C
INPUT VOLTAGE VIN (V)
TOPR = 25°C
TC593002 (-3.0V
)
INPUT VOLTAGE VIN (V)
TOPR = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com