Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC59 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC59
Description  Low Dropout, Negative Output Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC59 Datasheet(HTML) 1 Page - Microchip Technology

  TC59 Datasheet HTML 1Page - Microchip Technology TC59 Datasheet HTML 2Page - Microchip Technology TC59 Datasheet HTML 3Page - Microchip Technology TC59 Datasheet HTML 4Page - Microchip Technology TC59 Datasheet HTML 5Page - Microchip Technology TC59 Datasheet HTML 6Page - Microchip Technology TC59 Datasheet HTML 7Page - Microchip Technology TC59 Datasheet HTML 8Page - Microchip Technology TC59 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21438B-page 1
TC59
Features
• Low Dropout Voltage
- Typically 120mV @ 50mA; 380mV @ 100mA
for -5.0V Output Part
• Tight Output Voltage Tolerance: ±2% Max
• Low Supply Current: 3.5
µA, Typ
• Small Package: 3-Pin SOT-23A
Applications
• Cellular Phones
• Battery Operated Systems
•Palmtops
• Portable Cameras
Device Selection Table
Other output voltages are available. Please contact Microchip
Technology Inc. for details.
Package Type
General Description
The TC59 is a low dropout, negative output voltage
regulator designed specifically for battery-operated
systems. Its full CMOS construction eliminates the
wasted ground current typical of bipolar LDOs. This
reduced supply current significantly extends battery
life, particularly when the TC59 is operated in dropout.
Other TC59 key features include low supply current
(typically 3.0
µA) and low dropout operation (typically
120mV at 50mA). The TC59 is packaged in a small
3-Pin SOT-23A package.
Functional Block Diagram
Part Number
Output
Voltage
Package
Temperature
Range
TC593002ECB
3.0V
3-Pin SOT-23A -40°C to +85°C
TC595002ECB
5.0V
3-Pin SOT-23A -40°C to +85°C
VSS
3-Pin SOT-23A
TC59
1
4
2
-VIN
-VOUT
NOTE: 3-Pin SOT-23A is equivalent to the EIAJ SC59
-VIN
1
µF
1
µF
-VOUT
-VOUT
TC59
1
2
3
-VIN
VSS
+
+
_
_
Low Dropout, Negative Output Voltage Regulator


Similar Part No. - TC59

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC59 MICROCHIP-TC59 Datasheet
570Kb / 20P
Low Dropout, Negative Output Voltage Regulator
2002
logo
Cornell Dubilier Electr...
TC59 CDE-TC59 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
TC593 CDE-TC593 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Microchip Technology
TC593002ECB MICROCHIP-TC593002ECB Datasheet
570Kb / 20P
Low Dropout, Negative Output Voltage Regulator
2002
TC593002ECB MICROCHIP-TC593002ECB Datasheet
336Kb / 20P
Low Dropout, Negative Output Voltage Regulator
11/29/12 2001-2012
More results

Similar Description - TC59

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
Negative Low Dropout Regulator
logo
Microchip Technology
TC59 MICROCHIP-TC59 Datasheet
570Kb / 20P
Low Dropout, Negative Output Voltage Regulator
2002
logo
M.S. Kennedy Corporatio...
MSK5330-5.0H MSK-MSK5330-5.0H Datasheet
233Kb / 5P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332-5.0HTG MSK-MSK5332-5.0HTG Datasheet
271Kb / 6P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
National Semiconductor ...
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
Negative Low Dropout Adjustable Regulator
logo
New Japan Radio
NJM2829 NJRC-NJM2829 Datasheet
221Kb / 9P
Very Low Output Negative Voltage Regulator
logo
Microchip Technology
TC59 MICROCHIP-TC59_13 Datasheet
336Kb / 20P
Low Dropout, Negative Output Voltage Regulator
11/29/12 2001-2012
logo
Anaren Microwave
MSK5330 ANAREN-MSK5330 Datasheet
229Kb / 5P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
MSK5332 ANAREN-MSK5332 Datasheet
137Kb / 6P
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2839 NJRC-NJM2839 Datasheet
131Kb / 9P
POSITIVE/NEGATIVE 2CH LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com