Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8601ARTZ-R2 Datasheet (PDF) - Analog Devices

AD8601ARTZ-R2 Datasheet PDF - Analog Devices
Part # AD8601ARTZ-R2
Download  AD8601ARTZ-R2 Download
File Size   350.5 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers

AD8601ARTZ-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8601ARTZ-R2 Datasheet PDF - Analog Devices

Part # AD8601ARTZ-R2
Download  AD8601ARTZ-R2 Click to download

File Size   350.5 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers

AD8601ARTZ-R2 Datasheet (HTML) - Analog Devices


AD8601ARTZ-R2 Product details

GENERAL DESCRIPTION
The AD8601, AD8602, and AD8604 are single, dual, and quad rail-to-rail, input and output, single-supply amplifiers featuring very low offset voltage and wide signal bandwidth. These amplifiers use a new, patented trimming technique that achieves superior performance without laser trimming. All are fully specified to operate on a 3 V to 5 V single supply.

FEATURES
   Low offset voltage: 500 μV maximum
   Single-supply operation: 2.7 V to 5.5 V
   Low supply current: 750 μA/Amplifier
   Wide bandwidth: 8 MHz
   Slew rate: 5 V/μs
   Low distortion
   No phase reversal
   Low input currents
   Unity-gain stable
   Qualified for automotive applications

APPLICATIONS
   Current sensing
   Barcode scanners
   PA controls
   Battery-powered instrumentation
   Multipole filters
   Sensors
   ASIC input or output amplifiers
   Audio




Similar Part No. - AD8601ARTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8601ARTZ-R2 AD-AD8601ARTZ-R2 Datasheet
356Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601ARTZ-R2 AD-AD8601ARTZ-R2 Datasheet
395Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. I
More results


Similar Description - AD8601ARTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
227Kb / 15P
CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV.A
AD8601 AD-AD8601 Datasheet
255Kb / 16P
Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV.0
OP-184 AD-OP-184 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP250 AD-OP250 Datasheet
209Kb / 16P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV.0
AD8601 AD-AD8601_03 Datasheet
290Kb / 20P
Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. D
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com