Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8601ARTZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8601ARTZ-R2
Description  Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8601ARTZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD8601ARTZ-R2 Datasheet HTML 1Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 2Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 3Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8601/AD8602/AD8604
Rev. G | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = 3 V, VCM = VS/2, TA = 25°C, unless otherwise noted.
Table 1.
A Grade
D Grade
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage (AD8601/AD8602)
VOS
0 V ≤ VCM ≤ 1.3 V
80
500
1100
6000
μV
−40°C ≤ TA ≤ +85°C
700
7000
μV
−40°C ≤ TA ≤ +125°C
1100
7000
μV
0 V ≤ VCM ≤ 3 V1
350
750
1300
6000
μV
−40°C ≤ TA ≤ +85°C
1800
7000
μV
−40°C ≤ TA ≤ +125°C
2100
7000
μV
Offset Voltage (AD8604)
VOS
VCM = 0 V to 1.3 V
80
600
1100
6000
μV
−40°C ≤ TA ≤ +85°C
800
7000
μV
−40°C ≤ TA ≤ +125°C
1600
7000
μV
VCM = 0 V to 3.0 V1
350
800
1300
6000
μV
−40°C ≤ TA ≤ +85°C
2200
7000
μV
−40°C ≤ TA ≤ +125°C
2400
7000
μV
Input Bias Current
IB
0.2
60
0.2
200
pA
−40°C ≤ TA ≤ +85°C
25
100
25
200
pA
−40°C ≤ TA ≤ +125°C
150
1000
150
1000
pA
Input Offset Current
IOS
0.1
30
0.1
100
pA
−40°C ≤ TA ≤ +85°C
50
100
pA
−40°C ≤ TA ≤ +125°C
500
500
pA
Input Voltage Range
0
3
0
3
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 3 V
68
83
52
65
dB
Large Signal Voltage Gain
AVO
VO = 0.5 V to 2.5 V,
RL = 2 kΩ, VCM = 0 V
30
100
20
60
V/mV
Offset Voltage Drift
ΔVOS/ΔT
2
2
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1.0 mA
2.92
2.95
2.92
2.95
V
–40°C ≤ TA ≤ +125°C
2.88
2.88
V
Output Voltage Low
VOL
IL = 1.0 mA
20
35
20
35
mV
−40°C ≤ TA ≤ +125°C
50
50
mV
Output Current
IOUT
±30
±30
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = 1
12
12
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 5.5 V
67
80
56
72
dB
Supply Current/Amplifier
ISY
VO = 0 V
680
1000
680
1000
μA
−40°C ≤ TA ≤ +125°C
1300
1300
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
5.2
5.2
V/μs
Settling Time
tS
To 0.01%
<0.5
<0.5
μs
Gain Bandwidth Product
GBP
8.2
8.2
MHz
Phase Margin
Φo
50
50
Degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
33
33
nV/√Hz
f = 10 kHz
18
18
nV/√Hz
Current Noise Density
in
0.05
0.05
pA/√Hz
1 For VCM between 1.3 V and 1.8 V, VOS may exceed specified value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com