Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8601ARTZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8601ARTZ-R2
Description  Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8601ARTZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8601ARTZ-R2 Datasheet HTML 1Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 2Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 3Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Precision CMOS, Single-Supply, Rail-to-Rail,
Input/Output Wideband Operational Amplifiers
AD8601/AD8602/AD8604
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2000–2011 Analog Devices, Inc. All rights reserved.
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2000–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 500 μV maximum
Single-supply operation: 2.7 V to 5.5 V
Low supply current: 750 μA/Amplifier
Wide bandwidth: 8 MHz
Slew rate: 5 V/μs
Low distortion
No phase reversal
Low input currents
Unity-gain stable
Qualified for automotive applications
APPLICATIONS
Current sensing
Barcode scanners
PA controls
Battery-powered instrumentation
Multipole filters
Sensors
ASIC input or output amplifiers
Audio
GENERAL DESCRIPTION
The AD8601, AD8602, and AD8604 are single, dual, and quad
rail-to-rail, input and output, single-supply amplifiers featuring
very low offset voltage and wide signal bandwidth. These amplifiers
use a new, patented trimming technique that achieves superior
performance without laser trimming. All are fully specified to
operate on a 3 V to 5 V single supply.
The combination of low offsets, very low input bias currents,
and high speed make these amplifiers useful in a wide variety
of applications. Filters, integrators, diode amplifiers, shunt
current sensors, and high impedance sensors all benefit from
the combination of performance features. Audio and other ac
applications benefit from the wide bandwidth and low distortion.
For the most cost-sensitive applications, the D grades offer this
ac performance with lower dc precision at a lower price point.
Applications for these amplifiers include audio amplification for
portable devices, portable phone headsets, bar code scanners,
portable instruments, cellular PA controls, and multipole filters.
The ability to swing rail-to-rail at both the input and output
enables designers to buffer CMOS ADCs, DACs, ASICs, and
other wide output swing devices in single-supply systems.
PIN CONFIGURATIONS
OUT A 1
V– 2
+IN
3
V+
5
–IN
4
AD8601
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead SOT-23 (RJ Suffix)
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8602
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead MSOP (RM Suffix) and 8-Lead SOIC (R-Suffix)
1
2
3
4
5
6
7
AD8604
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
Figure 3. 14-Lead TSSOP (RU Suffix) and 14-Lead SOIC (R Suffix)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
–IN D
+IN D
V–
OUT C
NC
NC
NC = NO CONNECT
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
AD8604
Figure 4. 16-Lead Shrink Small Outline QSOP (RQ Suffix)
The AD8601, AD8602, and AD8604 are specified over the
extended industrial (−40°C to +125°C) temperature range. The
AD8601, single, is available in a tiny, 5-lead SOT-23 package. The
AD8602, dual, is available in 8-lead MSOP and 8-lead, narrow
SOIC surface-mount packages. The AD8604, quad, is available
in 14-lead TSSOP, 14-lead SOIC, and 16-lead QSOP packages.
See the Ordering Guide for automotive grades.


Similar Part No. - AD8601ARTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8601ARTZ-R2 AD-AD8601ARTZ-R2 Datasheet
356Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601ARTZ-R2 AD-AD8601ARTZ-R2 Datasheet
395Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. I
More results

Similar Description - AD8601ARTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
227Kb / 15P
CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV.A
AD8601 AD-AD8601 Datasheet
255Kb / 16P
Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV.0
OP-184 AD-OP-184 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP250 AD-OP250 Datasheet
209Kb / 16P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV.0
AD8601 AD-AD8601_03 Datasheet
290Kb / 20P
Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. D
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com