Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8601ARTZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8601ARTZ-R2
Description  Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8601ARTZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8601ARTZ-R2 Datasheet HTML 3Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8601/AD8602/AD8604
Rev. G | Page 7 of 24
300
250
200
150
100
50
0
–40
–25
–105
203550658095
110
125
TEMPERATURE (°C)
VS = 3V
Figure 11. Input Bias Current vs. Temperature
300
250
200
150
100
50
0
–40
–25
–105
203550658095
110
125
TEMPERATURE (°C)
VS = 5V
Figure 12. Input Bias Current vs. Temperature
5
4
3
2
1
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
COMMON-MODE VOLTAGE (V)
VS = 5V
TA = 25°C
Figure 13. Input Bias Current vs. Common-Mode Voltage
30
25
20
15
10
5
0
–40
–25
–105
203550658095
110
125
TEMPERATURE (°C)
VS = 3V
Figure 14. Input Offset Current vs. Temperature
30
25
20
15
10
5
0
–40
–25
–105
203550658095
110
125
TEMPERATURE (°C)
VS = 5V
Figure 15. Input Offset Current vs. Temperature
10k
1k
100
10
1
0.1
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VS = 2.7V
TA = 25°C
SOURCE
SINK
Figure 16. Output Voltage to Supply Rail vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com