Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL432B Datasheet (PDF) - Calogic, LLC

CL432B Datasheet PDF - Calogic, LLC
Part # CL432B
Download  CL432B Download
File Size   43.61 Kbytes
Page   3 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description 1.25VPrecision Adjustable Shunt Reference / Amplifier

CL432B Datasheet (PDF)

Go To PDF Page Download Datasheet
CL432B Datasheet PDF - Calogic, LLC

Part # CL432B
Download  CL432B Click to download

File Size   43.61 Kbytes
Page   3 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description 1.25VPrecision Adjustable Shunt Reference / Amplifier

CL432B Datasheet (HTML) - Calogic, LLC


CL432B Product details

DESCRIPTION
Calogic’s CL432B is a 3-terminal Adjustable Shunt Regulator highly accurate 1.25V bandgap reference with a 2% tolerance. The device offers thermal stability, wide operating current (100mA) and an extended temperature range of 0o to 105oC for operation in power supply applications. The CL432B offers a wide operating voltage range of up to 10V and is an excellent choice for voltage reference requirements in an isolated feedback circuit for 3.0V to 3.3V switching mode power supplies. The tight tolerance guarantees a lower design cost for the power supply manufacturer by virtually eliminating the need for an extra power supply manufacturing process of the power supply.

FEATURES
• Temperature-Compensated: 50ppm/°C
• Trimmed 2% Bandgap Reference
• Internal Amplifier with 150mA Capability
• Nominal Temperature Range Extended to 105°C
• Low Frequency Dynamic Output Impedance: < 150m
• Low Output Noise




Similar Part No. - CL432B

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CL432 CALOGIC-CL432 Datasheet
63Kb / 7P
1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432A CALOGIC-CL432A Datasheet
43Kb / 3P
1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432AD CALOGIC-CL432AD Datasheet
43Kb / 3P
1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432ALP CALOGIC-CL432ALP Datasheet
43Kb / 3P
1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432AS CALOGIC-CL432AS Datasheet
43Kb / 3P
1.25VPrecision Adjustable Shunt Reference / Amplifier
More results


Similar Description - CL432B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
Dec-2002
logo
Calogic, LLC
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
Precision Adjustable Shunt Reference
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
Precision Adjustable Shunt Reference
CL432 CALOGIC-CL432 Datasheet
63Kb / 7P
1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432A CALOGIC-CL432A Datasheet
43Kb / 3P
1.25VPrecision Adjustable Shunt Reference / Amplifier
logo
List of Unclassifed Man...
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
Precision Adjustable Shunt Reference
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
Precision Adjustable Shunt Reference
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
Precision adjustable shunt voltage reference
VER 1.2
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com