Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8271 Datasheet (PDF) - Cherry Semiconductor Corporation

CS8271 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS8271
Download  CS8271 Download
File Size   155.43 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Adjustable Micropower Low Dropout Linear Regulator with ENABLE

CS8271 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8271 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS8271
Download  CS8271 Click to download

File Size   155.43 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Adjustable Micropower Low Dropout Linear Regulator with ENABLE

CS8271 Datasheet (HTML) - Cherry Semiconductor Corporation


CS8271 Product details

Description
The CS8271 is an adjustable micropower voltage regulator with very low quiescent current (60µA typical at 100µA load). The output supplies 100mA of load current with a maximum dropout voltage of only 600mV. Control logic includes ENABLE. . The combination of low quiescent current, outstanding regulator performance and control logic makes the CS8271 ideal for any battery operated equipment.

Features
■ Low Quiescent Current
■ Adjustable Output: 5V to 12V
■ for Sleep Mode Control
■ 100mA Output Current Capability
■ Fault Protection +60V Load Dump -15V Reverse Voltage Short Circuit Thermal Shutdown
■ Low Reverse Current (Output to Input) ENABLE




Similar Part No. - CS8271

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
CS8275 HUBBELL-CS8275 Datasheet
791Kb / 4P
50 Amp Twist-Lock® Devices
5/20
More results


Similar Description - CS8271

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
logo
ON Semiconductor
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
NCP5666 ONSEMI-NCP5666 Datasheet
204Kb / 9P
3.0 A, Low Dropout Linear Regulator with Enable
October, 2007 - Rev. 1
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
logo
Anpec Electronics Corop...
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
Adjustable Low Dropout 300mA Linear Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
logo
Diodes Incorporated
AP7176B DIODES-AP7176B Datasheet
1Mb / 14P
3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
Rev 3
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
logo
Diodes Incorporated
AP7175 DIODES-AP7175_17 Datasheet
876Kb / 14P
3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
Rev 4
logo
Anpec Electronics Corop...
APL5701 ANPEC-APL5701 Datasheet
257Kb / 23P
Adjustable Low Dropout 700mA Linear Regulator
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com