Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8271 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8271
Description  Adjustable Micropower Low Dropout Linear Regulator with ENABLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8271 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8271 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8271 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8271 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8271 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8271 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8271 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
Error
Amplifier
Thermal
Shutdown
Over
Voltage
Shutdown
VIN
Gnd
VOUT
Bandgap
Reference
+
-
Current Limit
Sense
Current Source
(Circuit Bias)
Adj
ENABLE
Input
s
Low Quiescent Current
s
Adjustable Output:
5V to 12V
s
for Sleep Mode
Control
s
100mA Output Current
Capability
s
Fault Protection
+60V Load Dump
-15V Reverse Voltage
Short Circuit
Thermal Shutdown
s
Low Reverse Current
(Output to Input)
ENABLE
Package Options
CS8271
Description
The CS8271 is an adjustable microp-
ower voltage regulator with very
low quiescent current (60µA typical
at 100µA load). The output supplies
100mA of load current with a maxi-
mum dropout voltage of only
600mV. Control logic includes
. The combination of low
quiescent current, outstanding reg-
ulator performance and control
logic makes the CS8271 ideal for
any battery operated equipment.
The logic level compatible
pin allows the user to put the regu-
lator into a shutdown mode where it
draws only 50µA of quiescent cur-
rent.
The regulator is protected against
reverse battery, short circuit, over
voltage, and over temperature con-
ditions. The device can withstand
60V load dump transients making it
suitable for use in automotive envi-
ronments.
The CS8271 is pin compatible with
the National Semiconductor
LM2931.
ENABLE
ENABLE
Block Diagram
1
VOUT
Gnd
NC
Adj
VIN
NC
NC
ENABLE
Other Packages: Consult factory for
16L SO Batwing, 5L TO-220 and D2PAK.
8L SOIC & PDIP
Adjustable Micropower Low Dropout
Linear Regulator with ENABLE
A
Company
¨
Rev. 3/26/97
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS8271

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
CS8275 HUBBELL-CS8275 Datasheet
791Kb / 4P
50 Amp Twist-Lock® Devices
5/20
More results

Similar Description - CS8271

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
logo
ON Semiconductor
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
NCP5666 ONSEMI-NCP5666 Datasheet
204Kb / 9P
3.0 A, Low Dropout Linear Regulator with Enable
October, 2007 - Rev. 1
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
logo
Anpec Electronics Corop...
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
Adjustable Low Dropout 300mA Linear Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
logo
Diodes Incorporated
AP7176B DIODES-AP7176B Datasheet
1Mb / 14P
3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
Rev 3
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
logo
Diodes Incorporated
AP7175 DIODES-AP7175_17 Datasheet
876Kb / 14P
3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
Rev 4
logo
Anpec Electronics Corop...
APL5701 ANPEC-APL5701 Datasheet
257Kb / 23P
Adjustable Low Dropout 700mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com