Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8271 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS8271
Description  Adjustable Micropower Low Dropout Linear Regulator with ENABLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8271 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS8271 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8271 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8271 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8271 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8271 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8271 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Power Dissipation.............................................................................................................................................Internally Limited
Transient Input Voltage ..................................................................................................................................................-50V, 60V
Reverse Battery..........................................................................................................................................................................-15V
Output Current .................................................................................................................................................Internally Limited
ESD Susceptibility (Human Body Model)..............................................................................................................................2kV
Junction Temperature .............................................................................................................................................-40¡C to 150¡C
Storage Temperature...............................................................................................................................................-55¡C to 150¡C
Lead Temperature Soldering
Wave Solder (through hole styles only) .....................................................................................10 sec. max, 260¡C peak
Reflow (SMD styles only) ......................................................................................60 sec. max above 183¡C, 230¡C peak
Adj and Enable Output ..................................................................................................................................................-0.3V, 10V
VOUT
...........................................................................................................................................................................-0.3V, 20V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Absolute Maximum Ratings
Electrical Characteristics: VOUT + 1V ² VIN ² 30V, 5V ² VOUT ² 12V, IOUT = 10mA, -40¡ ² TA ² 125¡, -40¡ ² TJ ² 150¡,
VENABLE = 0V; unless otherwise specified.
s Output Voltage
Dropout Voltage
IOUT = 100µA, VDROP = (VIN Ð VOUT)
100
150
mV
IOUT = 100mA, VDROP = (VIN Ð VOUT)
400
600
mV
Load Regulation
Measure VOUT when
0.1
1.0
%VOUT
IOUT = 100µA, 100mA.
LDREG = ABS (ÆVOUT)
Line Regulation
IOUT = 1mA. Measure VOUT
0.1
0.5
%VOUT
when VIN = VOUT + 1V, 30V.
LNREG = ABS (ÆVOUT)
Quiescent Current, (IQ)VIN = 6V, IOUT = 100µA,
55
120
µA
Active Mode
VOUT setup for 5V. IQ = IVIN - IOUT
VIN = 13V, IOUT = 100µA,
130
200
µA
VOUT setup for 12V. IQ = IVIN - 100µA
VIN = 30V, IOUT = 100µA,
150
450
µA
VOUT setup for 5V, IQ = IVIN - 100µA
VIN = 30V, IOUT = 100µA,
200
500
µA
VOUT setup for 12V, IQ = IVIN - 100µA
IOUT = 50mA, IQ = IVIN - 50mA
4
7
mA
IOUT = 100mA, IQ = IVIN - 100mA
12
21
mA
Quiescent Current, (IQ)VIN = 6V, ENABLE = 2.5V,
20
50
µA
Sleep Mode
IQSLEEP = IVIN
VIN = 30V, ENABLE = 2.5V,
75
350
µA
IQSLEEP = IVIN
Ripple Rejection
f=120Hz, (Note 1)
60
75
dB
Current Limit
VOUT = VOUT - 500mV, ILIM = IVOUT
105
200
300
mA
Short Circuit Output Current
VOUT=0V, ISHRT = IVOUT
15
100
215
mA
Thermal Limit
(Note 1)
150
180
210
¡C
Overvoltage Shutdown
Adjust VIN from 28V to 40V
30
34
38
V
until VOUT ²1V
Reverse Current
VIN=0V, IREV = IVOUT, VOUT = 13.2V
100
200
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com