Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8271 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS8271
Description  Adjustable Micropower Low Dropout Linear Regulator with ENABLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8271 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS8271 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8271 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8271 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8271 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8271 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8271 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: VOUT + 1V ² VIN ² 30V, 5V ² VOUT ² 12V, IOUT = 10mA, -40¡ ² TA ² 125¡, -40¡ ² TJ ² 150¡,
VENABLE = 0V; unless otherwise specified.
The output voltage of the CS8271 is adjustable to any value
between the reference voltage on the Adj pin, (1.272V Typ.)
and the maximum input voltage minus the dropout voltage.
To adjust the output voltage, a pair of external resistors R1
and R2 are connected as shown in Figure 1.
The equation for the output voltage is
VOUT = VREF x+ IAdj x R1
where Vref is the typical reference voltage and IAdj is the
adjust pin bias current. This is usually 500nA maximum.
Figure 1: Output Voltage Adjustment.
Adj
CS8271
VOUT
R1
VOUT
R2
VREF
)
R1 + R2
R2
(
Output Voltage Adjustment
Circuit Description
8L SOIC & PDIP
1VOUT
100mA output; adjustable from 5V to 12V.
2
Gnd
Ground.
3, 6, 7
NC
No Connection.
4
Adj
Resistor divider from VOUT to Adj, sets output voltage.
5
Logic level switch, when HIGH, regulator is in sleep mode.
8VIN
Input voltage.
ENABLE
s
Enable Threshold
1.15
2.0
2.6
V
Enable Input Current
VENABLE = 2.6V
10
20
µA
VENABLE = 5V
35
50
µA
s Adjustment Pin
R1: Feedback resistor between VOUT and Adjust, R2: Adjust resistor to ground.
Reference Voltage
100µA ² IOU T² 100mA
1.246
1.272
1.297
V
Adjustment Pin Current
IAdj =
-
20
500
nA
Note 1: Guaranteed by design, not 100% tested in production.
(VOUT - VREF)
R1
VREF
R2
ENABLE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com