Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4223 Datasheet (PDF) - Cirrus Logic

CS4223 Datasheet PDF - Cirrus Logic
Part # CS4223
Download  CS4223 Download
File Size   778.16 Kbytes
Page   32 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit 105 dB Audio Codec with Volume Control

CS4223 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4223 Datasheet PDF - Cirrus Logic

Part # CS4223
Download  CS4223 Click to download

File Size   778.16 Kbytes
Page   32 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit 105 dB Audio Codec with Volume Control

CS4223 Datasheet (HTML) - Cirrus Logic


CS4223 Product details

Description

The CS4223/4 is a highly integrated, high performance, 24-bit, audio codec providing stereo analog-to-digital and stereo digital-to-analog converters using delta-sigma conversion techniques. The device operates from a single +5 V power supply, and features low power consumption. Selectable de-emphasis filter for 32, 44.1, and 48 kHz sample rates is also included.

The CS4224 includes an analog volume control capable of 113.5 dB attenuation in 0.5 dB steps. The analog volume control architecture preserves dynamic range during attenuation. Volume control changes are implemented using a “soft” ramping or zero crossing technique.



Features

● 105 dB Dynamic Range A/D Converters

● 105 dB Dynamic Range D/A Converters

● 110 dB DAC Signal-to-Noise Ratio (EIAJ)

● Analog Volume Control (CS4224 only)

● Differential Inputs / Outputs

● On-chip Anti-aliasing and Output Smoothing Filters

● De-emphasis for 32, 44.1 and 48 kHz

● Supports Master and Slave Modes

● Single +5 V power supply

● On-Chip Crystal Oscillator

● 3 - 5 V Digital Interface



 




Similar Part No. - CS4223

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4223-BS CIRRUS-CS4223-BS Datasheet
790Kb / 34P
24-Bit 105 dB Audio Codec with Volume Control
CS4223-DS CIRRUS-CS4223-DS Datasheet
790Kb / 34P
24-Bit 105 dB Audio Codec with Volume Control
CS4223-KS CIRRUS-CS4223-KS Datasheet
790Kb / 34P
24-Bit 105 dB Audio Codec with Volume Control
CS4223 CIRRUS-CS4223_03 Datasheet
790Kb / 34P
24-Bit 105 dB Audio Codec with Volume Control
More results


Similar Description - CS4223

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
20-Bit Stereo Audio Codec with Volume Control
logo
Wolfson Microelectronic...
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
logo
Cirrus Logic
CS4245 CIRRUS-CS4245 Datasheet
1Mb / 54P
105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
24-bit, 192kHz 6-Channel Codec with Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222_02 Datasheet
616Kb / 29P
20-Bit Stereo Audio Codec with Volume Control
CS4223 CIRRUS-CS4223_03 Datasheet
790Kb / 34P
24-Bit 105 dB Audio Codec with Volume Control
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com