Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39N20 Datasheet (PDF) - Unisonic Technologies

39N20 Datasheet PDF - Unisonic Technologies
Part # 39N20
Download  39N20 Download
File Size   176.81 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 39A, 200V N-CHANNEL POWER MOSFET

39N20 Datasheet (PDF)

Go To PDF Page Download Datasheet
39N20 Datasheet PDF - Unisonic Technologies

Part # 39N20
Download  39N20 Click to download

File Size   176.81 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 39A, 200V N-CHANNEL POWER MOSFET

39N20 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 39N20

ManufacturerPart #DatasheetDescription
logo
Semikron International
39NAB12T7V1 SEMIKRON-39NAB12T7V1 Datasheet
1Mb / 9P
Converter-Inverter-Brake (CIB)
Rev. 2.0 - 31.01.2022
More results


Similar Description - 39N20

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N20 UTC-15N20 Datasheet
135Kb / 3P
15A, 200V N-CHANNEL POWER MOSFET
22N20 UTC-22N20 Datasheet
189Kb / 6P
22A, 200V N-CHANNEL POWER MOSFET
UF4N20 UTC-UF4N20 Datasheet
136Kb / 3P
4A, 200V N-CHANNEL POWER MOSFET
30N20 UTC-30N20 Datasheet
131Kb / 3P
30A, 200V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM19N20 TSC-TSM19N20 Datasheet
88Kb / 4P
200V N-Channel Power MOSFET
logo
Unisonic Technologies
UF4N20Z UTC-UF4N20Z Datasheet
147Kb / 3P
4A, 200V N-CHANNEL POWER MOSFET
7N20 UTC-7N20 Datasheet
214Kb / 5P
7A, 200V N-CHANNEL POWER MOSFET
7N20Z UTC-7N20Z Datasheet
217Kb / 5P
7A, 200V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF640 FCI-IRF640 Datasheet
158Kb / 5P
18A 200V N CHANNEL POWER MOSFET
logo
Rohm
RQ3P300BH ROHM-RQ3P300BH Datasheet
2Mb / 14P
Nch 100V 39A Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com