Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1806 Datasheet (PDF) - Dallas Semiconductor

DS1806 Datasheet PDF - Dallas Semiconductor
Part # DS1806
Download  DS1806 Download
File Size   282.43 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Digital Sextet Potentiometer

DS1806 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1806 Datasheet PDF - Dallas Semiconductor

Part # DS1806
Download  DS1806 Click to download

File Size   282.43 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Digital Sextet Potentiometer

DS1806 Datasheet (HTML) - Dallas Semiconductor


DS1806 Product details

DESCRIPTION

The DS1806 Digital Sextet Potentiometer is a six-channel, digitally controlled, solid-state linear potentiometer.



FEATURES

Six digitally controlled 64-position potentiometers

3-wire serial port provides for reading and setting each potentiometer

Devices can be cascaded for single processor multi-device control

Standard resistance values:

  - DS1806-010 10 kW

  - DS1806-050 50 kW

  - DS1806-100 100 kW

Operating Temperature Range:

  -  Industrial temperature: -40° C to +85° C




Similar Part No. - DS1806

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1806 MAXIM-DS1806 Datasheet
285Kb / 8P
Digital Sextet Potentiometer
102199
More results


Similar Description - DS1806

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844 Datasheet
289Kb / 14P
Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1805 MAXIM-DS1805 Datasheet
614Kb / 10P
Addressable Digital Potentiometer
Rev 0; 4/02
logo
ams AG
AS1500 AMSCO-AS1500 Datasheet
365Kb / 8P
Digital Potentiometer
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
Digital Potentiometer
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
Dual Digital Potentiometer
DP7241 COPAL-DP7241 Datasheet
174Kb / 16P
Quad Digital Potentiometer
DP7251 COPAL-DP7251 Datasheet
168Kb / 15P
Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
Dual Digital Potentiometer
19-6589; Rev 1; 1/14
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
Dual Digital Potentiometer
19-6593; Rev 1; 1/14
DS1806 MAXIM-DS1806 Datasheet
285Kb / 8P
Digital Sextet Potentiometer
102199
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com