Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1807E Datasheet (PDF) - Dallas Semiconductor

DS1807E Datasheet PDF - Dallas Semiconductor
Part # DS1807E
Download  DS1807E Download
File Size   463.18 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Addressable Dual Audio Taper Potentiometer

DS1807E Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1807E Datasheet PDF - Dallas Semiconductor

Part # DS1807E
Download  DS1807E Click to download

File Size   463.18 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Addressable Dual Audio Taper Potentiometer

DS1807E Datasheet (HTML) - Dallas Semiconductor


DS1807E Product details

DESCRIPTION
The DS1807 Addressable Dual Audio Taper Potentiometer is a dual audio taper potentiometer having a logarithmic resistive characteristic. Each potentiometer has a total of 65 wiper positions including the mute position. Adjacent wiper positions are separated by 1 dB giving a total attenuation range of 64 dB. When the wipers are in the mute position, attenuation in excess of 90 dB is achieved. The DS1807 also provides a zero-crossing detection capability.

FEATURES
● Operates from 3V or 5V Power Supplies
● Ultra-low power consumption
● Two digitally controlled, 65-position potentiometers
● Logarithmic resistor characteristics (1 dB per step)
● Zero-crossing detection eliminates noise caused by discrete wiper changes
● Addressable using 3-Chip Select Inputs
● Serial/Synchronous Bus Inputs
● Operating Temperature Range:
   - Industrial: -40°C to +85°C
● Standard Resistance Value: 45 kW




Similar Part No. - DS1807E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
Addressable Dual Audio Taper Potentiometer
110499
More results


Similar Description - DS1807E

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
Dual Audio Taper Potentiometer
DS1802 DALLAS-DS1802 Datasheet
291Kb / 17P
Dual Audio Taper Potentiometer With Pushbutton Control
DS1803 DALLAS-DS1803 Datasheet
284Kb / 11P
Addressable Dual Digital Potentiometer
logo
Maxim Integrated Produc...
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
Dual Audio Taper Potentiometer
030300
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
Addressable Dual Audio Taper Potentiometer
110499
DS1803 MAXIM-DS1803 Datasheet
304Kb / 11P
Addressable Dual Digital Potentiometer
110706
DS1802 MAXIM-DS1802 Datasheet
819Kb / 17P
Dual Audio Taper Potentiometer With Pushbutton Control
051401
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com