Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21FF42 Datasheet (PDF) - Dallas Semiconductor

DS21FF42 Datasheet PDF - Dallas Semiconductor
Part # DS21FF42
Download  DS21FF42 Download
File Size   466.17 Kbytes
Page   145 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 4 X 3 Twelve Channel T1 Framer

DS21FF42 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS21FF42 Datasheet PDF - Dallas Semiconductor

Part # DS21FF42
Download  DS21FF42 Click to download

File Size   466.17 Kbytes
Page   145 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 4 X 3 Twelve Channel T1 Framer

DS21FF42 Datasheet (HTML) - Dallas Semiconductor


DS21FF42 Product details

MULTI-CHIP MODULE (MCM) DESCRIPTION
The Four x Four and Four x Three MCMs offer a high density packaging arrangement for the DS21Q42 T1 Enhanced Quad Framer. Either three (DS21FT42) or four (DS21FF42) silicon die of these devices is packaged in a Multi-Chip Module (MCM) with the electrical connections as shown in Figure 1-1.

FEATURES
• Sixteen (16) or Twelve (12) Completely Independent T1 Framers in One Small 27mm x 27mm Package
• Each Multi-Chip Module (MCM) Contains Four (FF) or Three (FT) DS21Q42 Die.
• Each Quad Framer Can be Concatenated into a Single 8.192MHz Backplane Data Stream
• IEEE 1149.1 JTAG-Boundary Scan Architecture
• DS21FF42 and DS21FT42 are Pin Compatible with DS21FF44 and DS21FT44, respectively, to allow the Same Footprint to Support T1 and E1 Applications
• 300–pin MCM BGA package (27mm X 27mm)
• Low Power 3.3V CMOS with 5V Tolerant Input & Outputs




Similar Part No. - DS21FF42

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21FF42 MAXIM-DS21FF42 Datasheet
697Kb / 114P
4 x 3 12-Channel T1 Framer 4 x 4 16-Channel T1 Framer
080702
More results


Similar Description - DS21FF42

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4341A PMC-PM4341A Datasheet
1,015Kb / 2P
T1 FRAMER/TRANSCEIVER
PM4344 PMC-PM4344 Datasheet
80Kb / 2P
Quad T1 Framer
PM4388 PMC-PM4388 Datasheet
63Kb / 2P
Octal T1 Framer
PM4388 PMC-PM4388 Datasheet
1Mb / 284P
OCTAL T1 FRAMER
logo
Dallas Semiconductor
DS21Q41B DALLAS-DS21Q41B Datasheet
714Kb / 61P
Quad T1 Framer
logo
Cirrus Logic
CS62180 CIRRUS-CS62180 Datasheet
411Kb / 50P
T1 FRAMER
logo
Dallas Semiconductor
DS21FT44 DALLAS-DS21FT44 Datasheet
678Kb / 110P
4x3 Twelve Channel E1 Framer, 4x4 Sixteen Channel E1 Framer
logo
PMC-Sierra, Inc
PM4388-1 PMC-PM4388-1 Datasheet
74Kb / 2P
Octal T1 Framer
logo
Maxim Integrated Produc...
DS21FF44 MAXIM-DS21FF44 Datasheet
696Kb / 117P
x 3 12-Channel E1 Framer 4 x 4 16-Channel E1 Framer
071702
DS21FF42 MAXIM-DS21FF42 Datasheet
697Kb / 114P
4 x 3 12-Channel T1 Framer 4 x 4 16-Channel T1 Framer
080702
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com